Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3865PVC-LP Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # CY8C3865PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3865PVC-LP Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button CY8C3865PVC-LP Datasheet HTML 66Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 67Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 68Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 69Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 70Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 71Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 72Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 73Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 69 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
IDD[22]
Sleep Mode [23]
CPU = OFF
RTC = ON (= ECO32K ON, in low-power mode)
Sleep timer = ON (= ILO ON at 1 kHz)[24]
WDT = OFF
I2C Wake = OFF
Comparator = OFF
POR = ON
Boost = OFF
SIO pins in single ended input, unregulated output mode
VDD = VDDIO =
4.5–5.5 V
T = –40 °C
–
1.9
3.1
µA
T = 25 °C
–
2.4
3.6
T = 85 °C
–
5
16
T = 105 °C
–
5
16
VDD = VDDIO =
2.7–3.6 V
T = –40 °C
–
1.7
3.1
T = 25 °C
–
2
3.6
T = 85 °C
–
4.2
16
T = 105 °C
–
4.2
16
VDD = VDDIO =
1.71–1.95 V
T = –40 °C
–
1.6
3.1
T = 25 °C
–
1.9
3.6
T = 85 °C
–
4.2
16
T = 105 °C
–
4.2
16
Comparator = ON
CPU = OFF
RTC = OFF
Sleep timer = OFF
WDT = OFF
I2C Wake = OFF
POR = ON
Boost = OFF
SIO pins in single ended input, unregulated output mode
VDD = VDDIO =
2.7–3.6 V[25]
T = 25 °C
–
3
4.2
µA
I2C Wake = ON
CPU = OFF
RTC = OFF
Sleep timer = OFF
WDT = OFF
Comparator = OFF
POR = ON
Boost = OFF
SIO pins in single ended input, unregulated output mode
VDD = VDDIO =
2.7–3.6 V[25]
T = 25 °C
–
1.7
3.6
µA
Table 11-2. DC Specifications (continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Notes
22. The current consumption of additional peripherals that are implemented only in programmed logic blocks can be found in their respective datasheets, available in
PSoC Creator, the integrated design environment. To estimate total current, find CPU current at frequency of interest and add peripheral currents for your particular
system from the device datasheet and component datasheets.
23. If VCCD and VCCA are externally regulated, the voltage difference between VCCD and VCCA must be less than 50 mV.
24. Sleep timer generates periodic interrupts to wake up the CPU. This specification applies only to those times that the CPU is off.
25. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com