Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3865PVC-LP Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # CY8C3865PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3865PVC-LP Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button CY8C3865PVC-LP Datasheet HTML 42Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 43Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 44Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 45Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 46Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 47Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 48Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 49Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 45 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
7.3 UDB Array Description
Figure 7-7 shows an example of a 16 UDB array. In addition to
the array core, there are a DSI routing interfaces at the top and
bottom of the array. Other interfaces that are not explicitly shown
include the system interfaces for bus and clock distribution. The
UDB array includes multiple horizontal and vertical routing
channels each comprised of 96 wires. The wire connections to
UDBs, at horizontal/vertical intersection and at the DSI interface
are highly permutable providing efficient automatic routing in
PSoC Creator. Additionally the routing allows wire by wire
segmentation along the vertical and horizontal routing to further
increase routing flexibility and capability.
Figure 7-7. Digital System Interface Structure
7.3.1 UDB Array Programmable Resources
Figure 7-8 shows an example of how functions are mapped into
a bank of 16 UDBs. The primary programmable resources of the
UDB are two PLDs, one datapath and one status/control register.
These resources are allocated independently, because they
have independently selectable clocks, and therefore unused
blocks are allocated to other unrelated functions.
An example of this is the 8-bit Timer in the upper left corner of
the array. This function only requires one datapath in the UDB,
and therefore the PLD resources may be allocated to another
function. A function such as a Quadrature Decoder may require
more PLD logic than one UDB can supply and in this case can
utilize the unused PLD blocks in the 8-bit Timer UDB.
Programmable resources in the UDB array are generally
homogeneous so functions can be mapped to arbitrary
boundaries in the array.
Figure 7-8. Function Mapping Example in a Bank of UDBs
7.4 DSI Routing Interface Description
The DSI routing interface is a continuation of the horizontal and
vertical routing channels at the top and bottom of the UDB array
core. It provides general purpose programmable routing
between device peripherals, including UDBs, I/Os, analog
peripherals, interrupts, DMA and fixed function peripherals.
Figure 7-9 illustrates the concept of the digital system
interconnect, which connects the UDB array routing matrix with
other device peripherals. Any digital core or fixed function
peripheral that needs programmable routing is connected to this
interface.
Signals in this category include:
Interrupt requests from all digital peripherals in the system.
DMA requests from all digital peripherals in the system.
Digital peripheral data signals that need flexible routing to I/Os.
Digital peripheral data signals that need connections to UDBs.
Connections to the interrupt and DMA controllers.
Connection to I/O pins.
Connection to analog system digital signals.
UDB
UDB
HV
B
UDB
UDB
HV
A
UDB
UDB
HV
B
HV
A
UDB
UDB
HV
A
UDB
UDB
HV
B
UDB
UDB
HV
A
HV
B
HV
B
HV
A
HV
B
HV
A
HV
A
HV
B
HV
A
HV
B
UDB
UDB
UDB
UDB
System Connections
System Connections
UDB
UDB
HV
B
UDB
UDB
HV
A
UDB
UDB
HV
B
HV
A
UDB
HV
A
UDB
HV
B
UDB
HV
A
HV
B
UDB
UDB
UDB
UDB
UDB
UDB
UART
Logic
12-Bit PWM
I2C Slave
8-Bit SPI
12-Bit SPI
Logic
8-Bit
Timer
16-Bit PYRS
UDB
8-Bit
Timer
Quadrature Decoder
16-Bit
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com