Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3865PVC-LP Datasheet(PDF) 97 Page - Infineon Technologies AG

Part # CY8C3865PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3865PVC-LP Datasheet(HTML) 97 Page - Infineon Technologies AG

Back Button CY8C3865PVC-LP Datasheet HTML 93Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 94Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 95Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 96Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 97Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 98Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 99Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 100Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 101Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 96 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-44. SAR ADC Noise Histogram, 100 ksps, Internal
Reference No Bypass
Figure 11-45. SAR ADC Noise Histogram, 1 msps, Internal
Reference Bypassed
Figure 11-46. SAR ADC Noise Histogram, 1 msps, External
Reference
Table 11-29. SAR ADC AC Specifications[54]
Parameter
Description
Conditions
Min
Typ
Max
Units
A_SAMP_1
Sample rate with external reference
bypass cap
–
–
1
Msps
A_SAMP_2
Sample rate with no bypass cap.
Reference = VDD
–
–
500
Ksps
A_SAMP_3
Sample rate with no bypass cap.
Internal reference
–
–
100
Ksps
Startup time
–
–
10
µs
SINAD
Signal-to-noise ratio
68
–
–
dB
THD
Total harmonic distortion
–
–
0.02
%
60
80
100
0
20
40
Counts, 12 bit
60
80
100
0
20
40
Counts, 12 bit
60
80
100
0
20
40
Counts, 12 bit
Note
54. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com