Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8016SSC-R1B Datasheet(PDF) 3 Page - Wuxi Chipown Micro-electronics limited

Part # PN8016SSC-R1B
Description  Non-isolated Off-line PWM converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8016SSC-R1B Datasheet(HTML) 3 Page - Wuxi Chipown Micro-electronics limited

  PN8016SSC-R1B Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PN8016
Chipown
www.chipown.com
© 2018 Wuxi Chipown Microelectronics Limited
Rev.1809
Sept.-2018
3 / 11
Absolute Maximum Ratings
Supply voltage Pin VDD……………….………-0.3~40V
High-Voltage Pin, SW…………….…….…..…. -0.3~750V
FB Pin………………..….…………………………-0.3~7V
Operating Junction Temperature….….....….….-40~150℃
Storage Temperature Range……………...…. ….-55~150℃
Lead Temperature (Soldering, 10Secs)……………...260℃
Package Thermal Resistance RθJC(SOP-7)…...….80℃/W
HBM ESD Protection (1) ………….………..…...….
±4kV
ESD voltage Protection (2)………....…………………...8kV
Pulse Drain Current(Tpulse=100us)………….…..…..…2A
Note:1. Test standard: ESDA/JEDEC JDS-001-2014.
2. Air discharge to pins of PN8016 with ESD Generator, Enterprise internal standards, for reference only.
Electrical Characteristics
(TA = 25°C, V
DD = 15 V, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Power Section
Drain Break-down voltage
BVDSS
ISW =250uA
750
820
V
Off-state drain current
IOFF
Vsw =500V
100
μA
Drain-source
on
state
resistance
RDS(on)
ISW = 400mA, T
J
=25°C
10
Ω
Start up threshold
VSW_START
VDD=VDDon – 1V
30
V
Supply Voltage Section
VDD start up threshold
VDDon
12
13.5
15
V
VDD under voltage
shutdown threshold
VDDoff
10
11
12
V
VDD voltage Hysteresis
VDDhys
2.5
V
VDD clamp voltage
VDDclamp
16
20
23
V
Supply Current Section
VDD charge current
IDDch
VDD=9V
-2.5
mA
Operating supply current
IDD0
VFB=2V,VDD=15V
150
330
450
uA
Off-state current
IDD1
VFB=2V,VDD=11V
80
120
150
uA
Operating supply current,
with protection tripping
IDDFAULT
VDD=15V
150
uA
Current Sense Section
Drain current limit
Ilimit
490
540
590
mA
Leading edge blanking
time
TLEB
300
ns
Feedback Input Section
Minimum turn OFF time
Toffmin
15
18
21
us
Minimum turn ON time
Tonmax
10
13
16
us
MOSFET feedback
turn-on Reference Voltage
VREF
2.45
2.5
2.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com