Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8016SSC-R1B Datasheet(PDF) 2 Page - Wuxi Chipown Micro-electronics limited

Part # PN8016SSC-R1B
Description  Non-isolated Off-line PWM converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8016SSC-R1B Datasheet(HTML) 2 Page - Wuxi Chipown Micro-electronics limited

  PN8016SSC-R1B Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PN8016
Chipown
www.chipown.com
© 2018 Wuxi Chipown Microelectronics Limited
Rev.1809
Sept.-2018
2 / 11
Pin Definitions
Pin Name
Pin Number
Pin Function Description
VDD
1
VDD supply
FB
2
Output voltage feedback
SW
3
Drain of the internal MOSFET
GND
4、5、6、7
Ground
Typical Power
Part number
Input Voltage
Steady output power
(1)
Peak Power
(2)
PN8016
85-265 VAC
1.5W(5V300mA)
1.5W(5V400mA)
Note:
1. Maximum output power in a semi enclosed design measured at 75°C ambient temperature, Duration:2 hours
2. Peak power in a semi enclosed design measured at 75°C ambient temperature, Duration:1 min
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com