Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8016SSC-R1B Datasheet(PDF) 7 Page - Wuxi Chipown Micro-electronics limited

Part # PN8016SSC-R1B
Description  Non-isolated Off-line PWM converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8016SSC-R1B Datasheet(HTML) 7 Page - Wuxi Chipown Micro-electronics limited

Back Button PN8016SSC-R1B Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 11Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PN8016
Chipown
www.chipown.com
© 2018 Wuxi Chipown Microelectronics Limited
Rev.1809
Sept.-2018
7 / 11
Detection(OLD),VDD
Under-Voltage
Lockout
(UVLO).And all these protections have self-recovery
mode.
OLP----If the FB pin voltage remains in lower
than 1.7V for more than 150ms, the IC will self-restart.
OTP----If the inner junction temperature exceeds
150 ℃ ,the IC will shut down switching, until the
junction temperature falls to 120℃.
OLD----If the FB pin voltage is lower than
100mV after soft-start up, the IC will self-restart.
UVLO----If VDD pin Voltage drops below 11V,
the internal high-voltage current source returns to
supply 2.5mA current to charge the external VDD
capacitor until VDD rises to VDDon. Otherwise,
self-restart time can be changed by VDD capacitor.
The larger the capacitor, the longer the self-restart time
is.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com