Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8016SSC-R1B Datasheet(PDF) 6 Page - Wuxi Chipown Micro-electronics limited

Part # PN8016SSC-R1B
Description  Non-isolated Off-line PWM converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8016SSC-R1B Datasheet(HTML) 6 Page - Wuxi Chipown Micro-electronics limited

Back Button PN8016SSC-R1B Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PN8016
Chipown
www.chipown.com
© 2018 Wuxi Chipown Microelectronics Limited
Rev.1809
Sept.-2018
6 / 11
Functional Description
The PN8016 consists of an integrated Pulse Width
Modulator (PWM) controller and power MOSFET,
specifically designed for small power non-isolated
switching power supply. PN8016 offers fully
intelligentized protections including Over Load
Protection (OLP), Under Voltage Lockout and Over
Temperature
Protection
(OTP).
Excellent
EMI
performance is achieved with Pulse Frequency
Modulation. PN8016 also consists of the high voltage
start-up circuit to ensure that start quickly.
1. Startup
At start up, the internal high-voltage current
source supplies 2.5mA current to charges the external
VDD capacitor. When VDD rises to VDDon, PN8016
starts switching and the internal high-voltage current
source stops charging the capacitor. When VDD drops
to VDDoff , PN8016 continues switching while the
internal high-voltage current source returns to supplies
2.5mA current to charge the external VDD capacitor.
The internal high-voltage regulator self-supplies the IC,
so extra component is not needed for power supply.
2. CV Operation Mode
In CV operation, PN8016 samples the feedback
signal through VDD pin. While the feedback voltage
remains below VREF, the IC turns on the integrated
MOSFET. When the current of the inductor reaches
the peak current limit (Ipeak), the integrated MOSFET
is turned off. Figure1-1 and Figure 1-2 shows the
operating waveform of key nodes in continuous
conduction
mode
(CCM)
and
discontinuous
conduction mode (DCM). Meanwhile, the IC
integrates load compensation function to improve load
regulation and CV accuracy.
The output voltage of PN8016 can be adjusted by
FB voltage dividing circuit. Use similar equation to
determine the output voltage:
2
2
1
5
.
2
R
R
R
V
V
Out
+
×
=
(
In actual applications, FB sampling voltage is
affected by the forward drop of D3 in addition.)
DMOS
DIODE
Iout
IL
Ipeak
Vout
VRF
VREF
Figure 1-1 Waveform if CCM mode
Figure 1-2 Waveform of DCM mode
3. PFM modulation
The IC operates in PFM mode, and Ipeak is set to
decrease with the decrease of the IC operating
frequency (Fsw).when the IC switching cycle increase
1us,Ipeak will decrease 6.0mA.As a result of the
internal current sampling and the maximum current
limit (Ilimit), inductance is the only parameter of the
frequency modulation when output voltage and output
current are fixed.
4. Soft-Start up
In order to regulate peak current in deep CCM
mode, PN8016 build in soft-start function, at the first
10ms of start up, the switching frequency decrease to
25% of the maximum frequency, while 10ms to 15ms
of start up, the switching frequency decrease to 50% of
the maximum frequency. Meanwhile, the leading edge
blanking (LEB) is 300ns (Typ.), in order to regulate
peak current.
5. Smart Protection Control
PN8016
has
several
smart
self-protection
functions, such as Over Load Protection(OLP),Over
Temperature
Protection(OTP),FB
Open
Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com