Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 30 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
RT
RSS
PFM/SYNC
AGND
COMP2
VOUT2
ISNS2+
LO2
SW2
HO2
CBOOT2
VIN
COMP1
BIAS1/VOUT1
ISNS1+
LO1
SW1
HO1
CBOOT1
VCC
FB1
VDDA
FB2
SYNCOUT
CFNG
EN1
EN2
PG2
PG1
LO1
COUT2
CIN1
CVDDA1
LO2
COUT1
RS2
RS1
Q2
Q1
RSS
RRT1
RCNFG1
Q4
Q3
CVCC1
CBOOT1
CBOOT2
LM5137
CNTRL1
PRIMARY/SECONDARY
VDDA
CIN2
RFB
CHF
RCOMP
CCOMP
VIN
VOUT
RT
RSS
PFM/SYNC
AGND
COMP2
VOUT2
ISNS2+
LO2
SW2
HO2
CBOOT2
VIN
COMP1
BIAS1/VOUT1
ISNS1+
LO1
SW1
HO1
CBOOT1
VCC
FB1
VDDA
FB2
SYNCOUT
CFNG
EN1
EN2
PG2
PG1
LO3
COUT4
CIN3
CVDDA2
LO4
COUT3
RS4
RS3
Q6
Q5
RRT2
RCNFG2
Q8
Q7
CVCC2
CBOOT3
CBOOT4
CIN4
VIN
PFM: connect FB1 of the secondary
to PFM/SYNC of the primary
FPWM: connect FB1 to GND
LM5137
CNTRL2
SECONDARY
Figure 7-9. LM5137 Multiphase Regulator Schematic Configured for Single-Output Interleaved Operation
7.4 Device Functional Modes
7.4.1 Sleep Mode
The LM5137 operates with peak current-mode control such that the compensation (COMP) voltage is
proportional to the peak inductor current. During no-load or light-load conditions, the output capacitor discharges
very slowly. As a result, the COMP voltage does not demand the driver output pulses on a cycle-by-cycle basis.
When the LM5137 controller detects 16 missed switching cycles, the device enters sleep mode and switches to
a low IQ state to reduce the current drawn from the input. For the LM5137 to go into sleep mode, the device must
be programmed for diode emulation (tie PFM/SYNC to VDDA).
The typical controller IQ in sleep mode at 12V input is 1.5μA with channels 1 and 2 set to 5V and 3.3V outputs,
respectively. PG1/2 are disabled when the LM5137 goes to sleep.
7.4.2 PFM Mode
A synchronous buck regulator implemented with a low-side MOSFET rather than a diode has the capability to
sink negative current from the output during light-load, overvoltage, and prebias start-up conditions. The LM5137
provides a diode emulation feature that can be enabled to prevent reverse (drain-to-source) current flow in the
low-side MOSFET. When configured for diode emulation (DEM), the low-side MOSFET is switched off when
reverse current flow is detected by sensing of the applicable SW voltage using a zero-cross comparator. The
benefit of this configuration is lower power loss during light-load conditions; the disadvantage being slower
light-load transient response.
Table 7-6. PFM Settings
PFM/SYNC
FPWM, PFM
VDDA
PFM
AGND
FPWM
External clock
FPWM
Configure the diode emulation feature using the PFM/SYNC pin. To enable diode emulation and thus achieve
discontinuous conduction mode (DCM) operation at light loads, connect PFM/SYNC to VDDA. If FPWM or
continuous conduction mode (CCM) operation is desired, tie PFM/SYNC to AGND. See Table 7-6. Note
that diode emulation is automatically engaged (in both PFM and FPWM modes) to prevent reverse current
flow during a prebias start-up. A gradual change from DCM to CCM operation provides monotonic start-up
performance.
LM5137
SNVSCU3 – OCTOBER 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com