Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
OUT
OUT
O
L
SW
IN
V
V
L
1
I
F
V
§
·
˜ ¨
¸
' ˜
©
¹
(11)
L
L(peak)
OUT
I
I
I
2
'
(12)
Check the inductor data sheet to make sure that the saturation current rating is well above the peak inductor
current of a particular design. Ferrite-cored inductors have very low core loss and are preferred at high switching
frequencies, so design goals can then concentrate on copper loss and preventing saturation. Low inductor
core loss is evidenced by reduced no-load input current and higher light-load efficiency. However, ferrite core
materials exhibit a hard saturation characteristic where the inductance collapses abruptly when the saturation
current is exceeded. This action results in an outsized increase in inductor ripple current and higher output
voltage ripple, not to mention reduced efficiency and compromised reliability. Note that the saturation current
rating of an inductor generally decreases as the core temperature increases. Of course, accurate overcurrent
protection is critical to avoiding inductor saturation.
8.1.1.3 Output Capacitors
Ordinarily, the energy stored by the output capacitors combined with the control loop response prescribe to
maintain the integrity of the output voltage within the dynamic (transient) tolerance specifications. The usual
boundaries restricting the output capacitors in power management applications are driven by finite available
PCB area, component footprint and profile, and cost. As the load step amplitude and slew rate increase, the
capacitor parasitics – equivalent series resistance (ESR) and equivalent series inductance (ESL) – take greater
precedence in shaping the load transient response of the regulator.
The output capacitor, COUT, filters the inductor ripple current and provides a reservoir of charge for step-load
transient events. Typically, ceramic capacitors provide extremely low ESR to reduce the output voltage ripple
and noise spikes, while tantalum and polymer electrolytic capacitors provide a large bulk capacitance in a
relatively compact footprint for transient loading events.
Based on the static specification of peak-to-peak output voltage ripple denoted by ΔVOUT, choose an output
capacitance that is higher than that given by Equation 13.
L
OUT
2
2
SW
OUT
ESR
L
I
C
8 F
V
R
I
'
t
˜
'
˜ '
(13)
Figure 8-1 conceptually illustrates the relevant current waveforms during both load-on and load-off transitions.
As shown, the slew rate of the inductor current represent a large-signal constraint as the inductor current ramps
to match the new load-current level following a load transient. This slew-rate limiting exacerbates the deficit of
charge in the output capacitor, which must be replenished as rapidly as possible during and after a load-on
transient. Similarly, during and after a load-off transient, the slew rate limiting of the inductor current adds to the
surplus of charge in the output capacitor that must be depleted as quickly as possible.
www.ti.com
LM5137
SNVSCU3 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com