Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3031 Datasheet(PDF) 15 Page - Texas Instruments

Part # TS3USB3031
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TS3USB3031 Datasheet HTML 11Page - Texas Instruments TS3USB3031 Datasheet HTML 12Page - Texas Instruments TS3USB3031 Datasheet HTML 13Page - Texas Instruments TS3USB3031 Datasheet HTML 14Page - Texas Instruments TS3USB3031 Datasheet HTML 15Page - Texas Instruments TS3USB3031 Datasheet HTML 16Page - Texas Instruments TS3USB3031 Datasheet HTML 17Page - Texas Instruments TS3USB3031 Datasheet HTML 18Page - Texas Instruments TS3USB3031 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
7.3 Power Supply Recommendations
Power to the device is supplied through the VCC pin. TI recommends placing a bypass capacitor as close as
possible to the supply pin VCC to help smooth out lower frequency noise to provide better load regulation across
the frequency spectrum.
This device does not require any power sequencing with respect to other devices in the system due to the power
off isolation feature. The power off isolation feature allows signals to be present on the signal path pins before
the device is powered up without damaging the device.
7.4 Layout
7.4.1 Layout Guidelines
Place supply bypass capacitors as close to the VCC pin as possible and avoid placing the bypass caps near the
D+ and D– traces.
The high-speed D+ and D– traces must always be of equal length and must be no more than four inches;
otherwise, the eye diagram performance may degrade. A high-speed USB connection is made through a
shielded, twisted pair cable with a differential characteristic impedance. In the layout, the impedance of D+ and
D– traces must match the cable characteristic differential impedance for optimal performance.
Route the high-speed USB signals using a minimum of vias and corners which reduces signal reflections and
impedance changes. When a via must be used, increase the clearance size around the via to minimize the
capacitance. Each via introduces discontinuities in the transmission line of the signal and increases the chance
of picking up interference from the other layers of the board. Be careful when designing test points on twisted
pair lines; through-hole pins are not recommended.
When it becomes necessary to turn 90°, use two 45° turns or an arc instead of making a single 90° turn. This
reduces reflections on the signal traces by minimizing impedance discontinuities.
Do not route USB traces under or near crystals, oscillators, clock signal generators, switching regulators,
mounting holes, magnetic devices, or ICs that use or duplicate clock signals.
Avoid stubs on the high-speed USB signals because the stubs cause signal reflections. If a stub is unavoidable,
then the stub must be less than 200 mm.
Route all high-speed USB signal traces over continuous GND planes, with no interruptions.
Avoid crossing over anti-etch, commonly found with plane splits.
Due to high frequencies associated with the USB, a printed circuit board with at least four layers is
recommended: two signal layers separated by a ground layer and a power layer. The majority of signal traces
must run on a single layer, preferably top layer. Immediately next to this layer must be the GND plane, which is
solid with no cuts. Avoid running signal traces across a split in the ground or power plane. When running across
split planes is unavoidable, sufficient decoupling must be used. Minimizing the number of signal vias reduces
EMI by reducing inductance at high frequencies. For more information on layout guidelines, see High Speed
Layout Guidelines and USB 2.0 Board Design and Layout Guidelines.
www.ti.com
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TS3USB3031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com