Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3031 Datasheet(PDF) 5 Page - Texas Instruments

Part # TS3USB3031
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031 Datasheet(HTML) 5 Page - Texas Instruments

  TS3USB3031 Datasheet HTML 1Page - Texas Instruments TS3USB3031 Datasheet HTML 2Page - Texas Instruments TS3USB3031 Datasheet HTML 3Page - Texas Instruments TS3USB3031 Datasheet HTML 4Page - Texas Instruments TS3USB3031 Datasheet HTML 5Page - Texas Instruments TS3USB3031 Datasheet HTML 6Page - Texas Instruments TS3USB3031 Datasheet HTML 7Page - Texas Instruments TS3USB3031 Datasheet HTML 8Page - Texas Instruments TS3USB3031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5.5 Electrical Characteristics
TA = –40°C to 85°C, typical values are at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
MHL SWITCH
RON
ON-state resistance
VCC = 2.5 V, VI/O = 1.5V, ION = –8 mA (see Figure 6-1)
5.5
7
Ω
ΔRON
ON-state resistance match
between + and – paths
VCC = 2.5 V, VI/O = 1.5 V, ION = –8 mA
0.1
Ω
RON (FLAT)
ON-state resistance flatness
VCC = 2.5 V, VI/O = 1.5 V to 3.3 V, ION = –8 mA
1
Ω
IOZ
OFF leakage current
VCC = 4.3 V, Switch OFF, VMHL+/MHL– = 1.5 V to 3.3 V,
VD+/D–= 0 V (see Figure 6-2)
–2
2
µA
IOFF
Power-off leakage current
VCC = 0 V, Power off, VMHL+/MHL– = 1.5 V to 3.3 V,
VD+/D–= NC
–10
10
µA
ION
ON leakage current
VCC = 4.3 V, Switch ON, VMHL+/MHL– = 1.5 V to 3.3 V,
VD+/D–= NC
–2
2
µA
USB SWITCH (USB1 and USB2)
RON
ON-state resistance
VCC = 2.5 V, VI/O = 0.4 V, ION = –8 mA (see Figure 6-1)
4.5
6
Ω
ΔRON
ON-state resistance match
between + and – paths
VCC = 2.5 V, VI/O = 0.4 V, ION = –8 mA
0.1
Ω
RON (FLAT)
ON-state resistance flatness
VCC = 2.5 V, VI/O = 0 V to 0.4 V, ION = –8 mA
1
Ω
IOZ
OFF leakage current
VCC = 4.3 V, Switch OFF, VUSB+/USB– = 0 V to 0.4 V,
VD+/D–= 0 V (see Figure 6-2)
–2
2
µA
IOFF
Power-off leakage current
VCC = 0 V, Switch ON or OFF,
VUSB+/USB– = 0 V to 0.4 V, VD+/D–= NC
–10
10
µA
ION
ON leakage current
VCC = 4.3 V, Switch ON, VUSB+/USB– = 0 V to 0.4 V,
VD+/D–= NC
–2
2
µA
DIGITAL CONTROL INPUTS (SEL)
VIH
Input logic high
VCC = 2.5 V to 4.3 V
1.3
V
VIL
Input logic low
VCC = 2.5 V to 4.3 V
0.6
V
IIN
Input leakage current
VCC = 4.3 V, VI/O = 0 V to 3.6 V, VIN = 0 V to 4.3 V
–10
10
µA
5.6 Dynamic Characteristics
TA = –40°C to 85°C, Typical values are at VCC = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP MAX UNIT
tpd
Propagation delay
RL = 50 Ω, CL = 5 pF, VCC = 2.5 V to 4.3 V,
VI/O(USB) = 0.4 V, VI/O(MHL) = 3.3 V
50
ps
tswitch
Switching time between USB/MHL
channels in active modes
RL = 50 Ω, CL = 5 pF, VCC = 2.5 V to 4.3 V,
VI/O(USB) = 0.4 V, VI/O(MHL) = 3.3 V
400
ns
tON
Switch turnon time (from disabled to
active mode)
RL = 50 Ω, CL = 5 pF, VCC = 2.5 V to 4.3 V,
VI/O(USB) = 0.4 V, VI/O(MHL) = 3.3 V
100
µs
tOFF
Switch turnoff time (from active to
disabled mode)
RL = 50 Ω, CL = 5 pF, VCC = 2.5 V to 4.3 V,
VI/O(USB) = 0.4 V, VI/O(MHL) = 3.3 V
100
µs
CON(MHL)
MHL path, ON capacitance
VCC = 3.3 V, VI/O = 0 V or 3.3 V, f = 240 MHz, Switch ON
1.3
pF
CON(USB)
USB1 and USB2 paths, ON
capacitance
VCC = 3.3 V, VI/O = 0 V or 3.3 V, f = 240 MHz, Switch ON
1
pF
COFF(MHL)
MHL path, OFF capacitance
VCC = 3.3 V, VI/O = 0 V or 3.3 V, f = 240 MHz, Switch OFF
1
pF
COFF(USB)
USB1 and USB2 paths, OFF
capacitance
VCC = 3.3 V, VI/O = 0 V or 3.3 V, f = 240 MHz, Switch OFF
0.8
pF
CI
Digital input capacitance
VCC = 3.3 V, VI = 0 V or 2 V
2.2
pF
OISO (MHL)
MHL path, OFF isolation
VS = –10 dBm, VDC_BIAS = 2.4 V, RT = 50 Ω, f = 240 MHz
(see Figure 6-3), Switch OFF
–38
dB
OISO (USB)
USB path, OFF isolation
VS = –10 dBm, VDC_BIAS = 0.2 V RT = 50 Ω, f = 240 MHz
(see Figure 6-3), Switch OFF
–38
dB
www.ti.com
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TS3USB3031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com