Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3031 Datasheet(PDF) 11 Page - Texas Instruments

Part # TS3USB3031
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3USB3031 Datasheet HTML 7Page - Texas Instruments TS3USB3031 Datasheet HTML 8Page - Texas Instruments TS3USB3031 Datasheet HTML 9Page - Texas Instruments TS3USB3031 Datasheet HTML 10Page - Texas Instruments TS3USB3031 Datasheet HTML 11Page - Texas Instruments TS3USB3031 Datasheet HTML 12Page - Texas Instruments TS3USB3031 Datasheet HTML 13Page - Texas Instruments TS3USB3031 Datasheet HTML 14Page - Texas Instruments TS3USB3031 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The TS3USB3031 is a passive, bidirectional, 2-channel 1:3 switch that can be used in many high speed
1:3 switching applications. This device was designed originally for USB 2.0 and Mobile High-Definition Link
applications but can be used for general signal switching applications such as I2C, UART, LVDS, and so forth.
7.2 Typical Application
Figure 7-1 represents a typical application of the TS3USB3031 MHL switch. The TS3USB3031 is used to switch
signals between the two sets of USB paths, which go to either the baseband or application processor, and the
MHL path, which goes to the HDMI to MHL bridge. The TS3USB3031 has internal 6-MΩ pulldown resistors
on SEL0 and SEL1. The pulldown on SEL0 and SEL1 ensure the USB1 channel is selected by default. The
TS5A3157 is a separate SPDT switch that is used to switch between the MHL CBUS and the USB ID line that is
required for USB OTG (USB On-The-Go) application.
MicroUSB
Connector
D+
D-
USB_D+
HDMI
V
BAT
To
Battery
Charger
VBUS
ID
GND
VCC
USB_D-
ID_USB
GPO2
GPO1
USB_D+
USB_D-
Baseband or
Application
Processor
USB 2.0
Application
Processor
MHL+
MHL-
CBUS
HDMI to
MHL Bridge
GND
D+
D-
USB1+
USB1-
TS3USB3031
MHL+
MHL-
SEL1
SEL2
USB2+
USB2-
GND
COM
TS5A3157
Copyright © 2016, Texas Instruments Incorporated
Figure 7-1. Typical TS3USB3031 Application
www.ti.com
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TS3USB3031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com