Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3031 Datasheet(PDF) 17 Page - Texas Instruments

Part # TS3USB3031
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TS3USB3031 Datasheet HTML 13Page - Texas Instruments TS3USB3031 Datasheet HTML 14Page - Texas Instruments TS3USB3031 Datasheet HTML 15Page - Texas Instruments TS3USB3031 Datasheet HTML 16Page - Texas Instruments TS3USB3031 Datasheet HTML 17Page - Texas Instruments TS3USB3031 Datasheet HTML 18Page - Texas Instruments TS3USB3031 Datasheet HTML 19Page - Texas Instruments TS3USB3031 Datasheet HTML 20Page - Texas Instruments TS3USB3031 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
8 Device and Documentation Support
8.1 Documentation Support
8.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, High Speed Layout Guidelines
• Texas Instruments, USB 2.0 Board Design and Layout Guidelines
8.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
8.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
8.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2017) to Revision D (August 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed pitch dimension from 0.5mm to 0.4mm...............................................................................................1
• Changed the 480-Mbps USB 2.0 Eye Pattern for USB Switch graph. ............................................................ 14
• Changed SEL2 pin name to SEL0 in the Layout Example image to keep consistency across the data sheet 16
Changes from Revision B (December 2016) to Revision C (March 2017)
Page
• Changed Feature From: 1.8-V Compatible Control Inputs (SEL, OE) To: 1.8-V Compatible Control Inputs
(SEL)...................................................................................................................................................................1
• Changed second pin D+ To: D- in the Switch Diagram ..................................................................................... 1
• Changed DIGITAL CONTROL INPUTS (SEL, OE) To: DIGITAL CONTROL INPUTS (SEL) in the Electrical
Characteristics table........................................................................................................................................... 5
• Changed second pin D+ To: D- in the Functional Block Diagram ................................................................... 10
www.ti.com
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TS3USB3031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com