Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB30EDGSR.B Datasheet(PDF) 16 Page - Texas Instruments

Part # TS3USB30EDGSR.B
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30EDGSR.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button TS3USB30EDGSR.B Datasheet HTML 12Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 13Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 14Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 15Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 16Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 17Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 18Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 19Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
9 Device and Documentation Support
9.1 Documentation Support
9.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, Implications of Slow or Floating CMOS Inputs application note
• Texas Instruments, High Speed Layout Guidelines
• Texas Instruments, USB 2.0 Board Design and Layout Guidelines
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (August 2015) to Revision G (October 2024)
Page
• Changed the Pin Configuration images and removed the RSW bottom view pinout......................................... 3
• Removed footnote in Absolute Maximum Ratings which stated "The input and output voltage ratings may be
exceeded if the input and output clamp-current ratings are observed."............................................................. 4
• Changed XTALK from -54dB to -32dB............................................................................................................... 5
• Changed OISO from -40dB to -32dB..................................................................................................................5
• Changed BW from 900MHz to 1400GHz and removed CL = 5pF from Test Conditions....................................5
• Changed the Gain vs Frequency graph..............................................................................................................7
• Changed the Crosstalk (XTALK) graph................................................................................................................ 7
• Changed the Off Isolation (OISO) graph..............................................................................................................7
• Removed the 50Ω pulldown resistor on VOUT1 from the Off Isolation (OISO) image........................................ 8
• Added the text D next to VIN the Crosstalk (XTALK) image..................................................................................8
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com