Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB30EDGSR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # TS3USB30EDGSR.B
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30EDGSR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3USB30EDGSR.B Datasheet HTML 3Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 4Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 5Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 6Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 7Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 8Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 9Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 10Page - Texas Instruments TS3USB30EDGSR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
5.8 Typical Characteristics
Frequency (Hz)
5E+7
1E+8
1E+9
1E+10
-25
-20
-15
-10
-5
0
Figure 5-1. Gain vs Frequency
Frequency (Hz)
5E+7
1E+8
1E+9
1E+10
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Figure 5-2. OFF Isolation
Frequency (Hz)
5E+7
1E+8
1E+9
1E+10
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Figure 5-3. Crosstalk
www.ti.com
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com