Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUSB-488B Datasheet(PDF) 1 Page - TEKTRONIX, INC

Part # KUSB-488B
Description  2461 SourceMeter ® SMU Instrument
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

KUSB-488B Datasheet(HTML) 1 Page - TEKTRONIX, INC

  KUSB-488B Datasheet HTML 1Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 2Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 3Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 4Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 5Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 6Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 7Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 8Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 9Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The 2461 High Current SourceMeter® Source Measure
Unit (SMU) Instrument brings advanced Touch, Test,
Invent® technology right to your fingertips. It combines
an innovative graphical user interface (GUI) with capacitive
touchscreen technology to make testing intuitive and
minimize the learning curve to help engineers and
scientists learn faster, work smarter, and invent easier.
With its 10 A/1000 W pulse current and 7 A/100 W DC
current capability combined with dual 18-bit 1MS/s
digitizers, the 2461 is optimized for characterizing and
testing high power materials, devices, and modules,
such as silicon carbide (SiC), gallium nitride (GaN), DC-
DC converters, circuit protection devices, solar cells
and panels, high brightness LEDs and lighting systems,
electrochemical cells and batteries, and much more.
These new capabilities, combined with Keithley’s expertise
in high precision, high accuracy SMU instruments, will
make the 2461 a “go-to instrument” for high current
sourcing and high speed measurement applications in the
lab and in the rack for years to come.
To help users who wish to transition to the 2461 from
Keithley’s legacy 2420, 2425, 2430, and 2440 SMUs, the
2461 now includes four SCPI emulation modes for each
of the older models, minimizing SCPI code rewriting and
maximizing your investment.
Key Features
• One tightly coupled instrument that combines the
capabilities of analyzers, curve tracers, and I-V
systems at a fraction of their cost
• Wide coverage up to 105 V/7 A DC 100 W, 100 V/10 A
Pulse 1000 W max.
• Dual 1 MS/s digitizers for fast sampling measurements
• Five-inch, high resolution capacitive touchscreen GUI
• 0.012% DCV accuracy with 6½-digit resolution
• Source and sink (4-quadrant) operation
• Four “Quickset” modes for fast setup and
measurements
• Context-sensitive help function
• Front panel input banana jacks; rear panel mass
termination screw connections
• SCPI and Test Script Processor (TSP®)
programming modes
• Front-panel USB 2.0 memory I/O port for transferring
data, test scripts, or test configurations
The 2461’s home screen makes testing intuitive and helps minimize the
learning curve for new users.
2461 SourceMeter® SMU Instrument
Datasheet


Similar Part No. - KUSB-488B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
272Kb / 3P
Dual-Channel Picoammeter
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
More results

Similar Description - KUSB-488B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
logo
TEKTRONIX, INC.
2400 TEKTRONIX-2400 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
2600B TEKTRONIX-2600B Datasheet
1Mb / 35P
2600B System SourceMeter SMU Instruments
2606B TEKTRONIX-2606B Datasheet
995Kb / 13P
2606B System SourceMeter SMU Instrument
2651A TEKTRONIX-2651A Datasheet
647Kb / 7P
50A, High Power System SourceMeter짰 SMU Instrument
2657A TEKTRONIX-2657A Datasheet
548Kb / 4P
High Power System SourceMeter SMU Instrument
2461-EC TEKTRONIX-2461-EC Datasheet
2Mb / 16P
2461-EC Graphical Potentiostat
2510 TEKTRONIX-2510 Datasheet
307Kb / 4P
TEC SourceMeter짰 SMU Instrument Autotuning TEC SourceMeter SMU Instrument
6430 TEKTRONIX-6430 Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
2600B TEKTRONIX-2600B_V01 Datasheet
2Mb / 36P
2600B System SourceMeter® SMU Instruments
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com