Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUSB-488B Datasheet(PDF) 2 Page - TEKTRONIX, INC

Part # KUSB-488B
Description  2461 SourceMeter ® SMU Instrument
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

KUSB-488B Datasheet(HTML) 2 Page - TEKTRONIX, INC

  KUSB-488B Datasheet HTML 1Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 2Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 3Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 4Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 5Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 6Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 7Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 8Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 9Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Datasheet
TEK.COM
2
Learn Faster, Work Smarter,
Invent Easier
The 2461 features a five-inch, full-color, high resolution
touchscreen that supports intuitive operation, helps
operators become familiar with the instrument quickly,
and optimizes overall speed and productivity. A simple
icon-based menu structure reduces the number of steps
required to configure a test by as much as 50 percent and
eliminates the cumbersome multi-layer menu structures
typically used on soft-key instruments. Built-in, context-
sensitive help supports intuitive operation and minimizes
the need to review a separate manual. These capabilities,
combined with the 2461’s high versatility, simplify its
operation in both basic and advanced measurement
applications, regardless of the user’s previous experience
in working with SMU instruments.
The graphical SMU’s icon-based menu structure helps even novice users
configure tests quickly and confidently.
Capture Real Device Operation with
the Built-in Dual 1 MS/sec Digitizers
Capturing and displaying real device operation,
waveforms, and transient events just got easier with the
2461’s digitizing function. The two built-in 1 MS/sec, 18-bit
digitizers make it possible to acquire both voltage and
current waveforms simultaneously without the need to
use a separate instrument. The digitizing functions employ
the same DC voltage and current measure ranges that
the standard A/D converter uses. In addition, the voltage
digitizing function uses the same DC voltage 10 GΩ input
impedance levels to reduce loading significantly on the
device under test (DUT).
The high speed digitizing function allows capturing and displaying voltage
and current measurements simultaneously.
Comparison of 2461 vs. 2420, 2425, 2430, 2440
Feature
2461
2420/2425/2440
2430
Max Voltage
100 V
60 V/100 V/40 V
100 V
Max DC Current
7 A
3 A/3 A/5 A
3 A
Max Pulse Current
10 A
NA
10 A
DC/Pulse Power
100 W/1000 W
Up to 100 W/NA
100 W/1000 W
Digitizers
Dual 18-bit 1 MS/s
None
None
Wideband Noise
<4.5 mVrms typ.
10 mVrms typ.
10 mVrms typ.
Sweep Types
Linear, Log, Dual Linear,
Dual Log, Custom
Linear, Log, Custom,
Source-Memory
Linear, Log, Custom,
Source-Memory
Reading Buffer Size
>2 Million Point Reading Buffer
5000 Point Reading Buffer
5000 Point Reading Buffer
Programming Command Type
SCPI Programming +
TSP Scripting
SCPI
SCPI
PC interface
GPIB, USB, Ethernet (LXI)
GPIB, RS-232
GPIB, RS-232
Signal Input Connections
Front: Banana Jacks
Rear: Mass Screw Terminal
Connection
Front/Rear Banana Jacks
Front/Rear Banana Jacks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com