Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUSB-488B Datasheet(PDF) 13 Page - TEKTRONIX, INC

Part # KUSB-488B
Description  2461 SourceMeter ® SMU Instrument
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

KUSB-488B Datasheet(HTML) 13 Page - TEKTRONIX, INC

Back Button KUSB-488B Datasheet HTML 8Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 9Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 10Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 11Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 12Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 13Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 14Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 15Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 16Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TEK.COM 13
2461 SourceMeter® SMU Instrument
General Characteristics (default mode unless specified)
Factory Default
Standard Power-Up
SCPI Mode.
Source Output Modes
Fixed DC Level, Memory/Configuration List (mixed function), Sweep (linear and logarithmic), Sweep (dual
linear and dual logarithmic.
Memory Buffer
>2 million readings, user adjustable. Includes selected measured value(s) and time stamp.
Real-Time Clock
Lithium battery backup (3 yr.+ battery life).
Remote Interfaces
GPIB
IEEE-488.2.
USB Device
(rear panel, type B)
2.0 Full Speed USBTMC.
USB Device
(front panel, type A)
USB 2.0, support for thumb drives.
Ethernet
RJ-45 (10/100BT)
Digital I/O Interface
Lines
6 Input/Output user defined for digital I/O or triggering.
Connector
9-pin female D.
Input Signal Levels
0.7 V (maximum logic low), 3.7 V (minimum logic high).
Input Voltage Limits
–0.25 V (Abs. minimum), +5.25 V (Abs. maximum).
Maximum Source Current
+2.0 mA @ >2.7 V (per pin).
Maximum Sink Current
–50 mA @ 0.7 V (per pin, solid-state fuse protected).
5 V Power Supply Pin
Limited to 500 mA @ >4 V (solid-state fuse protected).
Handler Interface
Start of test, end of test, 4 category bits.
Programmability
SCPI or TSP command sets.
TSP Mode
Embedded Test Script Processor (TSP) accessible from any host interface.
IP Configuration
Static or DHCP.
Expansion Interface
The TSP-Link expansion interface allows TSP enabled instruments to trigger and communicate with
each other.
LXI Compliance
1.5 LXI Device Specification 2016.
Display
5 inch capacitive touch, color TFT WVGA (800×480) with LED backlight.
Input Signal Connections
Front: Banana. Rear: Mass termination screw terminal.
Interlock
Active High Input.
Cooling
Forced air, variable speed.
Over Temperature Protection
Internally sensed temperature overload puts unit in standby mode.
Power Supply
100 V to 240 V RMS, 50–60 Hz (automatically detected at power up).
VA Rating
350 volt-amps max.
Altitude
Maximum 2000 meters above sea level.
EMC
Conforms to European Union EMC Directive.
Safety
Compliance with CE and NRTL listed to UL61010-1 and UL61010-2-30. Conforms with European Union
Low Voltage Directive.
Vibration
MIL-PRF-28800F Class 3 Random.
Warm-Up
1 hour to rated accuracies.
Dimensions
With bumpers and handle: 106 mm high × 255 mm wide × 425 mm deep (4.18 in × 10.05 in × 16.75 in).
Without bumpers and handle: 88 mm high × 213 mm wide × 397 mm deep (3.46 in × 8.39 in × 15.63 in.)
Weight
With bumpers and handle: 4.75 kg (10.5 lbs.).
Without bumpers and handle: 4.55 kg (10.0 lbs.).
Environment
Operating: 0°–50 °C, 70% R.H. up to 35 °C. Derate 3% R.H./°C, 35°–50 °C.
Storage: –25 °C to 65 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com