Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1146 Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 37Page - Texas Instruments TUSB1146 Datasheet HTML 38Page - Texas Instruments TUSB1146 Datasheet HTML 39Page - Texas Instruments TUSB1146 Datasheet HTML 40Page - Texas Instruments TUSB1146 Datasheet HTML 41Page - Texas Instruments TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments TUSB1146 Datasheet HTML 44Page - Texas Instruments TUSB1146 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
41
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.6.1.5 DisplayPort_1 Register (Offset = 0x12) [reset = 0x0]
DisplayPort_1 is shown in Table 17.
Return to the Summary Table.
This register provides status of AUX snooping when AUX Snooping is enabled.
Table 17. DisplayPort_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0x0
Reserved
6-5
SET_POWER_STATE
RH
0x0
This field represents the snooped value of the AUX write to DPCD
address
0x00600.
When
AUX_SNOOP_DISABLE
=
0b,
the
enable/disable of DP lanes based on the snooped value. When
AUX_SNOOP_DISABLE = 1b, then DP lane enable/disable are
determined by state of DPx_DISABLE registers, where x = 0, 1, 2, or
3. This field is reset to 0h by hardware when CTLSEL1 changes
from a 1b to a 0b.
4-0
LANE_COUNT_SET
RH
0x0
This field represents the snooped value of AUX write to DPCD
address 0x00101 register. When AUX_SNOOP_DISABLE = 0b, DP
lanes enabled specified by the snoop value. Unused DP lanes will
be disabled to save power. When AUX_SNOOP_DISABLE = 1b,
then DP lanes enable/disable are determined by DPx_DISABLE
registers, where x = 0, 1, 2, or 3. This field is reset to 0h by
hardware when CTLSEL1 changes from a 1b to a 0b.
8.6.1.6 DisplayPort_2 Register (Offset = 0x13) [reset = 0x0]
DisplayPort_2 is shown in Table 18.
Return to the Summary Table.
This register provides controls for enabling and disabling AUX snooping and individual DP lanes.
Table 18. DisplayPort_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
AUX_SNOOP_DISABLE
R/W
0x0
Controls whether DP lanes are enabled based on AUX snooped
value or registers.
0x0 = AUX snoop enabled.
0x1 = AUX snoop disabled. DP lanes are controlled by
registers.
6
RESERVED
R
0x0
Reserved
5-4
AUX_SBU_OVR
R/W
0x0
This field overrides the AUXP/N to SBU1/2 connect and disconnect
based on CTL1 and FLIP. Changing this field to 01b or 10b will allow
traffic to pass through AUX to SBU regardless of the state of
CTLSEL1 and FLIPSEL register.
0x0 = AUX to SBU connection determined by CTLSEL1 and
FLIPSEL
0x1 = AUXP -> SBU1 and AUXN -> SBU2
0x2 = AUXP -> SBU2 and AUXN -> SBU1
0x3 = AUX to SBU open.
3
DP3_DISABLE
R/W
0x0
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 3. When AUX_SNOOP_DISABLE = 0b, changes
to this field will have no effect on lane 3 functionality.
0x0 = DP Lane 3 enabled.
0x1 = DP Lane 3 disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com