Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1146 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 6Page - Texas Instruments TUSB1146 Datasheet HTML 7Page - Texas Instruments TUSB1146 Datasheet HTML 8Page - Texas Instruments TUSB1146 Datasheet HTML 9Page - Texas Instruments TUSB1146 Datasheet HTML 10Page - Texas Instruments TUSB1146 Datasheet HTML 11Page - Texas Instruments TUSB1146 Datasheet HTML 12Page - Texas Instruments TUSB1146 Datasheet HTML 13Page - Texas Instruments TUSB1146 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
USB and DP Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CPHF-LINRL0
High-frequency 1-dB compression
point at LINR_L0 setting.
At 5 GHz, 200 mVpp < VID < 1200
mVpp
550
mVpp
CPLF-LINRL1
Low-frequency 1-dB compression
point at LINR_L1 setting.
At 100 MHz, 200 mVpp < VID < 1200
mVpp
700
mVpp
CPHF-LINRL1
High-frequency 1-dB compression
point at LINR_L1 setting.
At 5 GHz, 200 mVpp < VID < 1200
mVpp
650
mVpp
CPLF-LINRL2
Low-frequency 1-dB compression
point at LINR_L2 setting.
At 100 MHz, 200 mVpp < VID < 1200
mVpp
800
mVpp
CPHF-LINRL2
High-frequency 1-dB compression
point at LINR_L2 setting.
At 5 GHz, 200 mVpp < VID < 1200
mVpp
750
mVpp
CPLF-LINRL3
Low-frequency 1-dB compression
point at LINR_L3 setting.
At 100 MHz, 200 mVpp < VID < 1200
mVpp
900
mVpp
CPHF-LINRL3
High-frequency 1-dB compression
point at LINR_L3 setting.
At 5 GHz, 200 mVpp < VID < 1200
mVpp
830
mVpp
fLF
Low frequency cutoff
200 mVPP< VID < 1200 mVPP
20
50
kHz
tTX_DJ_USB
TX output deterministic residual jitter
when operating in USB mode.
Optimual EQ setting; 12-in prechannel
(SDD21 = -11.2dB); 1.6-in post
channel (SDD21 = -1.8dB); PRBS7;
10 Gbps
.07
UI
tTX_DJ_DP
TX output deterministic residual jitter
when operating in DP mode.
Optimual EQ setting;12-in prechannel
(SDD21 = -11.2dB); 1.6-in post
channel (SDD21 = -1.8dB); PRBS7;
8.1 Gbps
.04
UI
DisplayPort Receiver (DP[3:0]p/n)
VID(PP)
Peak-to-peak input differential
dynamic voltage range
1400
V
VIC
Input common mode voltage
0
1.75
2
V
VRX_CM-INST
Max Instantaneous RX DC common
mode voltage change under all
operating conditions (OFF to ON,
Disabled to 4DP, etc…)
Measured single-ended at non-
TUSB1146 side of AC coupling
capacitor with 50-
Ω load.
-300
500
mV
dR
Data rate
10
Gbps
R(ti)
Input termination resistance
75
90
110
Ω
C(AC)
External required AC coupling
capacitance
75
265
nF
EQ_DP15
DP0 Receiver equalization at 4.05
GHz
FLIPSEL = 0; DP0EQ_SEL = 15;
12
dB
EQ_DP15
DP0 Receiver equalization at 5 GHz
FLIPSEL = 0; DP0EQ_SEL = 15;
12.3
dB
DisplayPort Transmitter (TX1p/n, TX2p/n, RX1p/n, RX2p/n)
VTX-CM-INST
Max Instantaneous TX DC common
mode voltage change under all
operating conditions (Disabled to 4DP,
etc…)
Measured at non-TUSB1146 side of
AC coupling capacitor with 50-
Ω load.
-500
1000
mV
VTX(DC-CM)
Common-mode voltage bias in the transmitter (DC)
0
1
V
AUXp or AUXn and SBU1 or SBU2
RON
Output ON resistance
VCC = 3.3 V; VI = 0 to 0.4 V for AUXp;
VI = 2.7 V to 3.6 V for AUXn
2
5.5
10
Ω
ΔRON
ON resistance mismatch within pair
VCC = 3.3 V; VI = 0 to 0.4 V for AUXP;
VI = 2.7 V to 3.6 V for AUXN
2.5
Ω
RON(FLAT)
ON resistance flatness (RON max –
RON min) measured at identical VCC
and temperature
VCC = 3.3 V; VI = 0 to 0.4 V for AUXp;
VI = 2.7 V to 3.6 V for AUXn
2
Ω
V(AUXP_DC_CM)
AUX Channel DC common mode
voltage for AUXp and SBU1.
VCC = 3.3 V;
0
0.4
V
V(AUXN_DC_CM)
AUX Channel DC common mode
voltage for AUXn and SBU2
VCC = 3.3 V;
2.7
3.6
V
C(AUX_ON)
ON-state capacitance
VCC = 3.3 V; CTL1 = 1; VI = 0 V
or 3.3 V
4
7
pF
C(AUX_OFF)
OFF-state capacitance
VCC = 3.3 V; CTL1 = 0; VI = 0 V
or 3.3 V
3
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com