Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1146 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB1146 Datasheet HTML 1Page - Texas Instruments TUSB1146 Datasheet HTML 2Page - Texas Instruments TUSB1146 Datasheet HTML 3Page - Texas Instruments TUSB1146 Datasheet HTML 4Page - Texas Instruments TUSB1146 Datasheet HTML 5Page - Texas Instruments TUSB1146 Datasheet HTML 6Page - Texas Instruments TUSB1146 Datasheet HTML 7Page - Texas Instruments TUSB1146 Datasheet HTML 8Page - Texas Instruments TUSB1146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
5
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Theseare stress ratings
only, which do not imply functional operation of the device at these or anyother conditions beyond those indicated under Recommended
OperatingConditions. Exposure to absolute-maximum-rated conditions for extended periods mayaffect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage Range
VCC
–0.3
4
V
Voltage Range at any input or output pin
Differential voltage between positive and negative
inputs
-2.5
2.5
V
Voltage at differential inputs
–0.5
4
V
CMOS Inputs
–0.5
4
V
Maximum junction temperature, TJ
TUSB1146
105
°C
TUSB1146I
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Main power supply
3.0
3.3
3.6
V
Main supply ramp requirement
0.1
50
ms
V(I2C)
Supply that external resistors are pulled up to on SDA and SCL
1.7
3.6
V
V(PSN)
Supply Noise on VCC pins (less than 4MHz)
100
mV
TA
TUSB1146 Operating free-air temperature
0
70
°C
TUSB1146I Operating free-air temperature
-40
85
°C
(1)
For more information about traditional and new thermalmetrics, see the Semiconductor and ICPackage Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TUSB1146
UNIT
RNQ (WQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
37.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.7
°C/W
RθJB
Junction-to-board thermal resistance
9.5
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
9.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.3
°C/W
6.5 Power Supply Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PCC(ACTIVE-USB)
Average active power
USB Only
Link in U0 with GEN2 data transmission;
EQ control pins = NC; PRBS7 pattern at
10 Gbps, VID = 1000 mVPP ; LINR_L3;
CTL1 = L; CTL0 = H
270
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com