Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1146 Datasheet(PDF) 44 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 40Page - Texas Instruments TUSB1146 Datasheet HTML 41Page - Texas Instruments TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments TUSB1146 Datasheet HTML 44Page - Texas Instruments TUSB1146 Datasheet HTML 45Page - Texas Instruments TUSB1146 Datasheet HTML 46Page - Texas Instruments TUSB1146 Datasheet HTML 47Page - Texas Instruments TUSB1146 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
44
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 22. USBC_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
EQ2_SEL
RH/W
0x0
If AEQ_EN = 0, this field selects EQ for USB3.1 RX2 receiver which
faces the USB-C receptacle. When EQ_OVERRIDE = 0b, this field
reflects the sampled state of EQ[1:0] pins. When EQ_OVERRIDE =
1b, software can change the EQ setting for RX2p/n pins based on
value written to this field. When AEQ_EN = 1 and AEQ_MODE = x0,
selects EQ setting for USB downstream facing port1 (RX2) when
short channel is detected. Value programmed into this field should
provide best Rx JTOL results for short channel configuration.
3-0
EQ1_SEL
RH/W
0x0
If AEQ_EN = 0, this field selects EQ for USB3.1 RX1 receiver which
faces the USB-C receptacle. When EQ_OVERRIDE = 0b, this field
reflects the sampled state of EQ[1:0] pins. When EQ_OVERRIDE =
1b, software can change the EQ setting for RX1p/n pins based on
value written to this field. When AEQ_EN = 1 and AEQ_MODE = x0,
selects EQ setting for USB downstream facing port1 (RX1) when
short channel is detected. Value programmed into this field should
provide best Rx JTOL results for short channel configuration.
8.6.1.11 SS_EQ Register (Offset = 0x21) [reset = 0x0]
SS_EQ is shown in Table 23.
Return to the Summary Table.
This register controls the receiver equalization setting for the UFP (SSTX).
Table 23. SS_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0x0
Reserved
3-0
SSEQ_SEL
RH/W
0x0
This field selects EQ for USB3.1 SSTX receiver which faces the
USB host. When EQ_OVERRIDE = 0b, this field reflects the
sampled state of SSEQ[1:0] pins. When EQ_OVERRIDE = 1b,
software can change the EQ setting for SSTXp/n pins based on
value written to this field.
8.6.1.12 USB3_MISC Register (Offset = 0x22) [reset = 0x44]
USB3_MISC is shown in Table 24.
Return to the Summary Table.
Table 24. USB3_MISC Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RXD_START_TERM
R/W
0x0
Termination setting at start of RX detection following warm reset and
at entry to SS.Inactive.
0x0 = Maintain termination. Same as tusb1046
0x1 = Turn off termination. Avoid compliance failures due to
race between local and remote rxd in case of disconnect. If
connection remains next state was polling regardless.
6
LFPS_EQ
R/W
0x1
Controls whether settings of EQ based on EQ1_SEL, EQ2_SEL, and
SSEQ_SEL applies to received LFPS signal.
0x0 = EQ set to zero when receiving LFPS
0x1 = EQ set by the related registers when receiving LFPS.
5
U2U3_LFPS_DEBOUNCE R/W
0x0
Controls whether or not incoming LFPS is debounced or not.
0x0 = No debounce of LFPS before U2/U3 exit.
0x1 = 200us debounce of LFPS before U2/U3 exit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com