Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7320 Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 37Page - Texas Instruments TUSB7320 Datasheet HTML 38Page - Texas Instruments TUSB7320 Datasheet HTML 39Page - Texas Instruments TUSB7320 Datasheet HTML 40Page - Texas Instruments TUSB7320 Datasheet HTML 41Page - Texas Instruments TUSB7320 Datasheet HTML 42Page - Texas Instruments TUSB7320 Datasheet HTML 43Page - Texas Instruments TUSB7320 Datasheet HTML 44Page - Texas Instruments TUSB7320 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 122 page
background image
8.1.8 Latency Timer Register
This read-only register has no meaningful context for a PCI Express device and returns zeros when read.
PCI register offset: 0Dh
Register type: Read-only
Default value: 00h
Table 8-11. PCI Register 0Dh
Bit No.
8
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
0
8.1.9 Header Type Register
This read only register indicates that this function has a type 0 PCI header. Bit seven of this register is zero
indicating that the TUSB73X0 is not a Multifunction device.
PCI register offset: 0Eh
Register type: Read-only
Default value: 00h
Table 8-12. PCI Register 0Eh
Bit No.
8
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
0
8.1.10 BIST Register
Because the TUSB73X0 does not support a built-in self test (BIST), this read only register returns the value of
00h when read.
PCI register offset: 0Fh
Register type: Read-only
Default value: 00h
Table 8-13. PCI Register 0Fh
Bit No.
8
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
0
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com