| Electronic Components Datasheet Search |
|
TUSB7320 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB7320 Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 122 page ![]() TUSB73x0 USB 3.0 xHCI Host Controller 1 Features • USB 3.0-Compliant xHCI host controller – PCIe x1 Gen2 interface – Four downstream ports • Two or four downstream ports • Each downstream port – May be independently enabled or disabled – Has adjustments for transmit swing, de- emphasis, and equalization settings – May be marked as removable or non- removable – Has independent power control and overcurrent detection • Requires no external flash for default configuration – Optional serial EEPROM for custom configuration • Internal spread spectrum generation – Low-cost crystal or oscillator support • Best-in-class adaptive receiver equalizer design 2 Applications • Rack server, microserver, and tower server • High performance computing • Storage area network (SAN) and host bus adapter (HBA) card • Desktop PC or motherboard 3 Description The TUSB7320 supports up to two downstream ports. The TUSB7340 is a USB 3.0-compliant xHCI host controller that supports up to four downstream ports. Both parts are available in a pin-compatible 100-pin RKM package. For the remainder of this document, the name TUSB73x0 is used to reference both the TUSB7320 and the TUSB7340. The TUSB73x0 interfaces to the host system through a PCIe x1 Gen 2 interface and provides SuperSpeed, high-speed, full-speed, or low-speed connections on the downstream USB ports. Device Information PART NUMBER(1) USB PORT COUNT PACKAGE TUSB7320 2-port (WQFN-MR, 100) TUSB7340 4-port (1) For all available packages, see the orderable addendum at the end of the data sheet. PC SS USB Device Or HS/FS/LS USB Device SS USB Device Or HS/FS/LS USB Device SS USB Device Or HS/FS/LS USB Device SS USB Device Or HS/FS/LS USB Device TUSB7340 PCIe Gen2 To USB 3.0 Host Controller Typical Application TUSB7320, TUSB7340 SLLSE76Q – MARCH 2011 – REVISED MARCH 2024 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - TUSB7320 |
|
Similar Description - TUSB7320 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |