Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7320 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 5Page - Texas Instruments TUSB7320 Datasheet HTML 6Page - Texas Instruments TUSB7320 Datasheet HTML 7Page - Texas Instruments TUSB7320 Datasheet HTML 8Page - Texas Instruments TUSB7320 Datasheet HTML 9Page - Texas Instruments TUSB7320 Datasheet HTML 10Page - Texas Instruments TUSB7320 Datasheet HTML 11Page - Texas Instruments TUSB7320 Datasheet HTML 12Page - Texas Instruments TUSB7320 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
5 Specifications
See the PCIe and USB specifications referred to in the Related Documentation for the electrical characteristics
of those interfaces.
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage
VDD33
–0.5
3.6
V
VDDA_3P3
–0.5
3.6
V
VDD11
–0.3
1.4
V
VI
Input voltage
PCI Express (RX)
0
1.2
V
PCI Express REFCLK (single-ended)
–0.5
VDD33 + 0.5
V
REFCLK (differential)
–0.3
1.15
V
Miscellaneous 3.3 V IO
–0.5
VDD33 + 0.5
V
VO
Output voltage
PCI Express (TX)
0.8
1.2
V
Miscellaneous 3.3 V IO
–0.5
VDD33 + 0.5
V
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX UNIT
Supply voltage range
VDD33
3
3.3
3.6
V
VDDA_3P3
3
3.3
3.6
VDD11(1) (2)
1.045
1.1
1.21
V
TA
Operating free-air temperature range
0
70
°C
Industrial version
–40
85
TJ
Operating junction temperature range
0
105
°C
Industrial version
–40
105
(1)
A 1.05-V supply may be used as long as the minimum supply conditions are met.
(2)
1.1 V −5% / +10% supply is recommended.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com