Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7320 Datasheet(PDF) 64 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 60Page - Texas Instruments TUSB7320 Datasheet HTML 61Page - Texas Instruments TUSB7320 Datasheet HTML 62Page - Texas Instruments TUSB7320 Datasheet HTML 63Page - Texas Instruments TUSB7320 Datasheet HTML 64Page - Texas Instruments TUSB7320 Datasheet HTML 65Page - Texas Instruments TUSB7320 Datasheet HTML 66Page - Texas Instruments TUSB7320 Datasheet HTML 67Page - Texas Instruments TUSB7320 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
8.1.54 GPIO Data Register
This register is used to read the state of the GPIO pins and to change the state of GPIO pins that are in output
mode. Writing to a bit that is in input mode will be ignored. The default value at power up depends on the state
of the GPIO terminals as they default to general purpose inputs. This register is reset by a PCI Express reset
(PERST#), a GRST#, or the internally-generated power-on-reset.
PCI register offset: B6h
Register type: Read/Write, Read-Only
Default value: 0000h
Table 8-81. PCI Register B6h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
x
x
x
x
Table 8-82. GPIO Data Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
RSVD
r
Reserved. Returns zero when read.
3
GPIO3_DATA(1)
rw
GPIO 3 Data. This bit is used to read the state of GPIO3 or change the
state of GPIO3 in output mode.
2
GPIO2_DATA(1)
rw
GPIO 2 Data. This bit is used to read the state of GPIO2 or change the
state of GPIO2 in output mode.
1
GPIO1_DATA(1)
rw
GPIO 1 Data. This bit is used to read the state of GPIO1 or change the
state of GPIO1 in output mode.
0
GPIO0_DATA(1)
rw
GPIO 0 Data. This bit is used to read the state of GPIO0 or change the
state of GPIO0 in output mode.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
8.1.55 MSI-X Capability ID Register
This read-only register identifies the linked list item as the register for MSI-X Capabilities. The register returns
11h when read.
PCI register offset: C0h
Register type: Read-Only
Default value: 11h
Table 8-83. PCI Register C0h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
1
0
0
0
1
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
64
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com