Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340RKMT Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB7340RKMT
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340RKMT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB7340RKMT Datasheet HTML 17Page - Texas Instruments TUSB7340RKMT Datasheet HTML 18Page - Texas Instruments TUSB7340RKMT Datasheet HTML 19Page - Texas Instruments TUSB7340RKMT Datasheet HTML 20Page - Texas Instruments TUSB7340RKMT Datasheet HTML 21Page - Texas Instruments TUSB7340RKMT Datasheet HTML 22Page - Texas Instruments TUSB7340RKMT Datasheet HTML 23Page - Texas Instruments TUSB7340RKMT Datasheet HTML 24Page - Texas Instruments TUSB7340RKMT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
Figure 6-7 illustrates the serial interface protocol during a multibyte serial EEPROM download. The serial-bus
protocol starts exactly the same as a 1-byte read. The only difference is that multiple data bytes are transferred.
The number of transferred data bytes is controlled by the host controller. After each data byte, the host controller
issues acknowledge (logic low) if more data bytes are requested. The transfer ends after a host controller no
acknowledge (logic high) followed by a stop condition.
Figure 6-7. Serial-Bus Protocol – Multibyte Read
Bit 7 (PROT_SEL) in the serial-bus control and status register changes the serial-bus protocol. Each of the
three previous serial-bus protocol figures illustrates the PROT_SEL bit default (logic low). When this control
bit is asserted, the word address and corresponding acknowledge are removed from the serial-bus protocol.
This feature allows the system designer a second serial-bus protocol option when selecting external EEPROM
devices.
6.4.1.3 Serial-Bus EEPROM Application
A serial EEPROM interface is implemented to pre-load several registers. The registers and corresponding bits
that are loaded through the EEPROM are provided in Table 6-4.
Table 6-4. EEPROM Register Loading Map
SERIAL EEPROM WORD ADDRESS
BYTE DESCRIPTION
00h
TUSB73X0 Function Indicator (00h)
01h
Number of Bytes (19h)
02h
PCI D0h, Subsystem Vendor ID, Byte 0
03h
PCI D1h, Subsystem Vendor ID, Byte 1
04h
PCI D2h, Subsystem ID, Byte 0
05h
PCI D3h, Subsystem ID, Byte 1
06h
PCI D4h, General Control 0, Byte 0
07h
PCI D5h, General Control 0, Byte 1
08h
PCI D8h, General Control 1, Byte 0
09h
PCI DCh, General Control 2, Byte 0
0Ah
PCI E0h, USB Control, Byte 0
0Bh
PCI E1h, USB Control, Byte 1
0Ch
PCI E2h, USB Control, Byte 2
0Dh
PCI E3h, USB Control, Byte 3
0Eh
PCI E4h, De-emphasis and Swing Control, Byte 0
0Fh
PCI E5h, De-emphasis and Swing Control, Byte 1
10h
PCI E6h, De-emphasis and Swing Control, Byte 2
11h
PCI E7h, De-emphasis and Swing Control, Byte 3
12h
PCI E8h, Equalizer Control, Byte 0
13h
PCI E9h, Equalizer Control, Byte 1
14h
PCI EAh, Equalizer Control, Byte 2
15h
PCI EBh, Equalizer Control, Byte 3
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com