Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340RKMT Datasheet(PDF) 72 Page - Texas Instruments

Part # TUSB7340RKMT
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340RKMT Datasheet(HTML) 72 Page - Texas Instruments

Back Button TUSB7340RKMT Datasheet HTML 68Page - Texas Instruments TUSB7340RKMT Datasheet HTML 69Page - Texas Instruments TUSB7340RKMT Datasheet HTML 70Page - Texas Instruments TUSB7340RKMT Datasheet HTML 71Page - Texas Instruments TUSB7340RKMT Datasheet HTML 72Page - Texas Instruments TUSB7340RKMT Datasheet HTML 73Page - Texas Instruments TUSB7340RKMT Datasheet HTML 74Page - Texas Instruments TUSB7340RKMT Datasheet HTML 75Page - Texas Instruments TUSB7340RKMT Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 122 page
background image
Table 8-102. De-Emphasis and Swing Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:28
PORT4_SWING(1)
rw
Port 4 Swing. When the PORT4_SWING_OV bit is set to 1, these bits
are used to set the output swing for port 4. For details on the behavior
of the swing signals refer to Table 6-1. For the TUSB7320 Port 4 is not
present and these bits have no effect.
27:24
PORT4_DE(1)
rw
Port 4 De-emphasis. When the PORT4_DE_OV bit is set to 1, these
bits are used to set the de-emphasis value for port 4. For details on the
behavior of the swing signals refer to Table 6-2. For the TUSB7320 Port
4 is not present and these bits have no effect.
23:20
PORT3_SWING(1)
rw
Port 3 Swing. When the PORT3_SWING_OV bit is set to 1 these bits are
used to set the output swing for port 3. For details on the behavior of the
swing signals refer to Table 6-1. For the TUSB7320 Port 3 is not present
and these bits have no effect.
19:16
PORT3_DE(1)
rw
Port 3 De-emphasis. When the PORT3_DE_OV bit is set to 1 these bits
are used to set the de-emphasis value for port 3. For details on the
behavior of the swing signals refer to Table 6-2. For the TUSB7320 Port
3 is not present and these bits have no effect.
15:12
PORT2_SWING(1)
rw
Port 2 Swing. When the PORT2_SWING_OV bit is set to 1, these bits
are used to set the output swing for port 2.For details on the behavior of
the swing signals refer to Table 6-1.
11:8
PORT2_DE(1)
rw
Port 2 De-emphasis. When the PORT2_DE_OV bit is set to 1 these bits
are used to set the de-emphasis value for port 2. For details on the
behavior of the swing signals refer to Table 6-2.
7:4
PORT1_SWING(1)
rw
Port 1 Swing. When the PORT1_SWING_OV bit is set to 1, these bits
are used to set the output swing for port 1. For details on the behavior of
the swing signals refer to Table 6-1.
3:0
PORT1_DE(1)
rw
Port 1 De-emphasis. When the PORT1_DE_OV bit is set to 1, these
bits are used to set the de-emphasis value for port 1. For details on the
behavior of the swing signals refer to Table 6-2.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
8.1.66 Equalizer Control Register
This register is used to control the equalizer settings for each of the USB 3.0 ports when the default setting is
overridden through the Custom PHY Transmit/Receive Control Register. This register is reset by a PCI Express
reset (PERST#), a GRST#, or the internally-generated power-on-reset.
PCI register offset: E8h
Register type: Read/Write
Default value: 0000 0000h
Table 8-103. PCI Register E8h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
72
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com