Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340RKMT Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB7340RKMT
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340RKMT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB7340RKMT Datasheet HTML 18Page - Texas Instruments TUSB7340RKMT Datasheet HTML 19Page - Texas Instruments TUSB7340RKMT Datasheet HTML 20Page - Texas Instruments TUSB7340RKMT Datasheet HTML 21Page - Texas Instruments TUSB7340RKMT Datasheet HTML 22Page - Texas Instruments TUSB7340RKMT Datasheet HTML 23Page - Texas Instruments TUSB7340RKMT Datasheet HTML 24Page - Texas Instruments TUSB7340RKMT Datasheet HTML 25Page - Texas Instruments TUSB7340RKMT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 122 page
background image
Table 6-4. EEPROM Register Loading Map (continued)
SERIAL EEPROM WORD ADDRESS
BYTE DESCRIPTION
16h
PCI ECh, Custom PHY Transmit/Receive Control, Byte 0
17h
PCI EDh, Custom PHY Transmit/Receive Control, Byte 1
18h
PCI EEh, Custom PHY Transmit/Receive Control, Byte 2
19h
PCI EFh, Custom PHY Transmit/Receive Control, Byte 3
1Ah
PCI 61h, Frame Length Adjustment Register
1Bh
End of List Indicator (80h)
This format must be explicitly followed for the host controller to correctly load initialization values from a serial
EEPROM. All byte locations must be considered when programming the EEPROM.
The serial EEPROM is addressed by the host controller at target address 1010 000b. This target address is
internally hardwired and cannot be changed by the system designer. Therefore, all three hardware address bits
for the EEPROM are tied to VSS to achieve this address. The serial EEPROM in the sample application circuit
(Figure 6-2) assumes the 1010b high-address nibble. The lower three address bits are terminal inputs to the
chip, and the sample application shows these terminal inputs tied to VSS.
During an EEPROM download operation, bit 4 (ROMBUSY) in the serial-bus control and status register is
asserted. After the download is finished, bit 0 (ROM_ERR) in the serial-bus control and status register may be
monitored to verify a successful download.
6.4.2 System Management Interrupt
The TUSB73X0 includes a System Management Interrupt (SMI) pin to allow for USB support in the BIOS of
a system that implements the TUSB73X0. The SMI pin is controlled by the bits in the USB Legacy Support
Control/Status Register. See USB Legacy Support Control/Status Register for more information. If there are no
SMI events pending or if all sources for SMI are disabled, the TUSB73X0 drives the SMI pin low. When an SMI
event occurs and the corresponding event is enabled, the TUSB73X0 drives the SMI pin high until the event is
cleared or disabled.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com