Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340RKMT Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB7340RKMT
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340RKMT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB7340RKMT Datasheet HTML 9Page - Texas Instruments TUSB7340RKMT Datasheet HTML 10Page - Texas Instruments TUSB7340RKMT Datasheet HTML 11Page - Texas Instruments TUSB7340RKMT Datasheet HTML 12Page - Texas Instruments TUSB7340RKMT Datasheet HTML 13Page - Texas Instruments TUSB7340RKMT Datasheet HTML 14Page - Texas Instruments TUSB7340RKMT Datasheet HTML 15Page - Texas Instruments TUSB7340RKMT Datasheet HTML 16Page - Texas Instruments TUSB7340RKMT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
5.10 TUSB7340 Power Consumption
VCore
1.05 V
V I/O
3.3 V
TOTAL
mA
mW
mA
mW
mW
ACTIVE STATES
4 SuperSpeed devices active(1)
880
924.00
115
379.50
1303.50
3 SuperSpeed devices active(1)
740
777.00
115
379.50
1156.50
2 SuperSpeed devices active(1)
597
626.85
115
379.50
1006.35
1 SuperSpeed devices active(1)
420
441.00
115
379.50
820.50
POWER-MANAGEMENT STATES
System on – device idle(2)
63
66.15
4
13.20
79.35
System suspend
63
66.15
4
13.20
79.35
System hibernate
63
66.15
4
13.20
79.35
(1)
Device active indicates that connected devices are actively transferring data.
(2)
No downstream devices are connected.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com