Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSC011 Datasheet(PDF) 17 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 13Page - STMicroelectronics IMSC011 Datasheet HTML 14Page - STMicroelectronics IMSC011 Datasheet HTML 15Page - STMicroelectronics IMSC011 Datasheet HTML 16Page - STMicroelectronics IMSC011 Datasheet HTML 17Page - STMicroelectronics IMSC011 Datasheet HTML 18Page - STMicroelectronics IMSC011 Datasheet HTML 19Page - STMicroelectronics IMSC011 Datasheet HTML 20Page - STMicroelectronics IMSC011 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
6 Mode 2 parallel interface
/30
17
6.4.2
Input Status Register
This register contains the
data present flag and the interrupt enable control bit for InputInt. The data pres-
ent flag is set to indicate that data in the data input buffer is valid. It is reset low only when the data input
buffer is read, or by Reset. When writing to this register, the
data present bit must be written as zero.
The
interrupt enable bit can be set and reset by writing to the status register with this bit high or low respec-
tively. When the
interrupt enable and data present flags are both high, the InputInt output will be high (sec-
tion 6.5). Resetting
interrupt enable will take InputInt low; setting it again before reading the data input
register will set InputInt high again. The
interrupt enable bit can be read to determine its status.
When writing to this register, bits 2-7 must be written as zero; this ensures that they will be zero when the
register is read. Failure to write zeroes to these bits may result in undefined data being returned by these
bits during a status register read.
&
Interrupt
Enable
Data
Present
InputInt
76
5
4
3
2
10
Figure 6.3
IMS C011 Mode 2 input status register
6.4.3
Output Data Register
Data written to this link adaptor register is transmitted out of the serial link as a data packet. Data should
only be written to this register when the
output ready bit in the output status register is high, otherwise data
already being transmitted may be corrupted. Reading this register will result in undefined data being read.
6.4.4
Output Status Register
This register contains the
output ready flag and the interrupt enable control bit for OutputInt. The output
ready flag is set to indicate that the data output buffer is empty and a link acknowledge has been received.
It is reset low only when data is written to the data output buffer; it is set high by Reset. When writing to
this register, the
output ready bit must be written as zero.
The
interrupt enable bit can be set and reset by writing to the status register with this bit high or low respec-
tively. When the
interrupt enable and output ready flags are both high, the OutputInt output will be high
(section 6.6). Resetting
interrupt enable will take OutputInt low; setting it again whilst the data output reg-
ister is empty will set OutputInt high again. The
interrupt enable bit can be read to determine its status.
When writing to this register, bits 2-7 must be written as zero; this ensures that they will be zero when the
register is read. Failure to write zeroes to these bits may result in undefined data being returned by these
bits during a status register read.
6.5
InputInt
The InputInt output is set high to indicate that a data packet has been received from the serial link. It is
inhibited from going high when the
interrupt enable bit in the input status register is low (section 6.4.2).
InputInt is reset low when data is read from the input data register (section 6.4.1) and by Reset (page 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com