Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSC011 Datasheet(PDF) 18 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 14Page - STMicroelectronics IMSC011 Datasheet HTML 15Page - STMicroelectronics IMSC011 Datasheet HTML 16Page - STMicroelectronics IMSC011 Datasheet HTML 17Page - STMicroelectronics IMSC011 Datasheet HTML 18Page - STMicroelectronics IMSC011 Datasheet HTML 19Page - STMicroelectronics IMSC011 Datasheet HTML 20Page - STMicroelectronics IMSC011 Datasheet HTML 21Page - STMicroelectronics IMSC011 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
IMS C011
/30
18
&
Interrupt
Enable
Output
Ready
OutputInt
7
6
5
4
3
210
Figure 6.4
IMS C011 Mode 2 output status register
6.6
OutputInt
The OutputInt output is set high to indicate that the link is free to receive data from the microprocessor
for transmission as a data packet out of the serial link. It is inhibited from going high when the
interrupt
enable bit in the output status register is low (section 6.4.4). OutputInt is reset low when data is written
to the data output register; it is set low by Reset (page 7).
6.7
Data read
A data packet received on the input link sets the
data present flag in the input status register. If the interrupt
enable bit in the status register is set, the InputInt output pin will be set high. The microprocessor will either
respond to the interrupt (if the
interrupt enable bit is set) or will periodically read the input status register
until the
data present bit is high.
When data is available from the link, the microprocessor reads the data packet from the data input register.
This will reset the
data present flag and cause the link adaptor to transmit an acknowledge packet out of
the serial link output. InputInt is automatically reset by reading the data input register; it is not necessary
to read or write the input status register.
6.8
Data write
When the data output buffer is empty and a link acknowledge has been received the
output ready flag in
the output status register is set high. If the
interrupt enable bit in the status register is set, the OutputInt
output pin will also be set high. The microprocessor will either respond to the interrupt (if the
interrupt en-
able bit is set) or will periodically read the output status register until the output ready bit is high.
When the
output ready flag is high, the microprocessor can write data to the data output buffer. This will
result in the link adaptor resetting the
output ready flag and commencing transmission of the data packet
out of the serial link. The
output ready status bit will remain low until the data byte transmission has been
completed and an acknowledge packet is received by the input link. This will set the
output ready flag high;
if the
interrupt enable bit is set, OutputInt will also be set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com