Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSC011 Datasheet(PDF) 4 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 4 Page - STMicroelectronics

  IMSC011 Datasheet HTML 1Page - STMicroelectronics IMSC011 Datasheet HTML 2Page - STMicroelectronics IMSC011 Datasheet HTML 3Page - STMicroelectronics IMSC011 Datasheet HTML 4Page - STMicroelectronics IMSC011 Datasheet HTML 5Page - STMicroelectronics IMSC011 Datasheet HTML 6Page - STMicroelectronics IMSC011 Datasheet HTML 7Page - STMicroelectronics IMSC011 Datasheet HTML 8Page - STMicroelectronics IMSC011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
IMS C011
/30
4
2
Pin designations
Signal names are prefixed by not if they are active low, otherwise they are active high.
Pinout details for various packages are given on page 24.
Pin
In/Out
Function
VDD, GND
Power supply and return
CapMinus
External capacitor for internal clock power supply
ClockIn
in
Input clock
Reset
in
System reset
SeparateIQ
in
Select mode and Mode 1 link speed
LinkIn
in
Serial data input channel
LinkOut
out
Serial data output channel
Table 2.1
Services and link
Pin
In/Out
Function
I0-7
in
Parallel input bus
IValid
in
Data on I0-7 is valid
IAck
out
Acknowledge I0-7 data received by other link
Q0-7
out
Parallel output bus
QValid
out
Data on Q0-7 is valid
QAck
in
Acknowledge from device: data Q0-7 was read
Table 2.2
Mode 1 parallel interface
Pin
In/Out
Function
D0-7
in/out
Bi-directional data bus
notCS
in
Chip select
RS0-1
in
Register select
RnotW
in
Read/write control signal
InputInt
out
Interrupt on link receive buffer full
OutputInt
out
Interrupt on link transmit buffer empty
LinkSpeed
in
Select link speed as 10 or 20 Mbits/sec
HoldToGND
Must be connected to GND
DoNotWire
Must not be wired
Table 2.3
Mode 2 parallel interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com