Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSC011 Datasheet(PDF) 3 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 3 Page - STMicroelectronics

  IMSC011 Datasheet HTML 1Page - STMicroelectronics IMSC011 Datasheet HTML 2Page - STMicroelectronics IMSC011 Datasheet HTML 3Page - STMicroelectronics IMSC011 Datasheet HTML 4Page - STMicroelectronics IMSC011 Datasheet HTML 5Page - STMicroelectronics IMSC011 Datasheet HTML 6Page - STMicroelectronics IMSC011 Datasheet HTML 7Page - STMicroelectronics IMSC011 Datasheet HTML 8Page - STMicroelectronics IMSC011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
/30
3
1
Introduction
The INMOS communication link is a high speed system interconnect which provides full duplex communi-
cation between members of the transputer family, according to the INMOS serial link protocol. The
IMS C011, a member of this family, provides for full duplex transputer link communication with standard
microprocessor and sub-system architectures, by converting bi-directional serial link data into parallel
data streams.
All transputer products which use communication links, regardless of device type, support a standard com-
munications frequency of 10 Mbits/sec; most products also support 20 Mbits/sec. Products of different
type or performance can, therefore, be interconnected directly and future systems will be able to communi-
cate directly with those of today. The IMS C011 link will run at either the standard speed of 10 Mbits/sec
or at the higher speed of 20 Mbits/sec. Data reception is asynchronous, allowing communication to be in-
dependent of clock phase.
The link adaptor can be operated in one of two modes. In Mode 1 the IMS C011 converts between a link
and two independent fully handshaken byte-wide interfaces, one input and one output. It can be used by
a peripheral device to communicate with a transputer, a peripheral processor or another link adaptor, or
it can provide programmable input and output pins for a transputer. Two IMS C011 devices in this mode
can be connected back to back via the parallel ports and used as a frequency changer between different
speed links.
In Mode 2 the IMS C011 provides an interface between an INMOS serial link and a microprocessor system
bus. Status and data registers for both input and output ports can be accessed across the byte-wide
bi-directional interface. Two interrupt outputs are provided, one to indicate input data available and one
for output buffer empty.
Input
Interface
Output
Interface
System
Services
Link
8
8
Q0–7
Qack
QValid
I0–7
IAck
IValid
VDD
GND
CapMinus
ClockIn
Reset
SeparateIQ
LinkOut
LinkIn
Figure 1.1
IMS C011 Mode 1 block diagram
Interrupt
Control
Data and
Status
Registers
System
Services
Link
8
D0–7
InputInt
OutputInt
VDD
GND
CapMinus
ClockIn
Reset
SeparateIQ
LinkOut
LinkIn
Register
Select
LinkSpeed
RS0
RS1
RnotW
notCS
Figure 1.2
IMS C011 Mode 2 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com