Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3037FN Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3037FN
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3037FN Datasheet(HTML) 1 Page - STMicroelectronics

  L3037FN Datasheet HTML 1Page - STMicroelectronics L3037FN Datasheet HTML 2Page - STMicroelectronics L3037FN Datasheet HTML 3Page - STMicroelectronics L3037FN Datasheet HTML 4Page - STMicroelectronics L3037FN Datasheet HTML 5Page - STMicroelectronics L3037FN Datasheet HTML 6Page - STMicroelectronics L3037FN Datasheet HTML 7Page - STMicroelectronics L3037FN Datasheet HTML 8Page - STMicroelectronics L3037FN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
L3037
SUBSCRIBER LINE INTERFACE CIRCUIT
MONOCHIP SILICON SLIC SUITABLE FOR
PUBLIC/PRIVATE APPLICATIONS
IMPLEMENTS ALL KEY FEATURES OF THE
BORSCHT FUNCTION
SOFT BATTERY REVERSAL WITH PRO-
GRAMMABLE TRANSITION TIME (3 to 100ms)
METERING PULSE INJECTION AND FILTER-
ING WITH MINIMAL COMPONENTS COUNT
(NO TRIMMING REQUIRED).
PROTECTION RESISTOR MISMATCH COM-
PENSATION
ON HOOK TRANSMISSION
LOOP START/GROUND START FEATURE
IND TEMP. RANGE:
-40
°C TO +85°C
LOW POWER DISSIPATION IN ALL OPER-
ATING MODES
INTEGRATED
ZERO
CROSSING
RELAY
DRIVER
INTEGRATED (NOISE-LESS) RING TRIP DE-
TECTION
VERY LOW NO. of STD TOLERANCE EX-
TERNAL COMPONENTS
SELECT PART FOR U.S. APPLICATIONS
(63dB TYP. LONG. BALANCE)
SURFACE MOUNT PACKAGE (PLCC44 or
PQFP44)
INTEGRATED THERMAL PROTECTION
PIN TO PIN COMPATIBLE WITH L3035/36
DESCRIPTION
The L3037 subscriber line interface circuit is a bi-
polar device in 70V technology developed for cen-
tral office / loop carrier and private applications.
The L3037 is pin to pin and function compatible
with L3035/36. One particular pin (reserved in
L3035/36) is now used for reverse polarity transi-
tion time programming. The line polarity transition
is not affecting the AC signal transmission that
can continue also during the line voltage transi-
tion.L3037 is available in two different package
options: PLCC44 and PQFP44 (10 x 10mm).
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
December 1997
BLOCK DIAGRAM
PLCC44
PQFP44(10 x 10)
ORDERING NUMBERS:
L3037FN
L3037QN
1/22


Similar Part No. - L3037FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3030 STMICROELECTRONICS-L3030 Datasheet
281Kb / 29P
SUBSCRIBER LINE INTERFACE KIT
Jun-1997
More results

Similar Description - L3037FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM79574 AMD-AM79574 Datasheet
234Kb / 17P
Subscriber Line Interface Circuit
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com