Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3037FN Datasheet(PDF) 14 Page - STMicroelectronics

Part # L3037FN
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3037FN Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L3037FN Datasheet HTML 10Page - STMicroelectronics L3037FN Datasheet HTML 11Page - STMicroelectronics L3037FN Datasheet HTML 12Page - STMicroelectronics L3037FN Datasheet HTML 13Page - STMicroelectronics L3037FN Datasheet HTML 14Page - STMicroelectronics L3037FN Datasheet HTML 15Page - STMicroelectronics L3037FN Datasheet HTML 16Page - STMicroelectronics L3037FN Datasheet HTML 17Page - STMicroelectronics L3037FN Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DETECTORS
OFF HOOK DETECTOR
Idet
Off-hook Current Threshold
stand by state
9
12
mA
Idet
Off-hook Current Threshold
active state
9
12
mA
Hys
Off-hook / On-hook Hysteresys
Both stand by and active state
1
1.6
mA
Td
Dialling Distortion
active state
-1
1
ms
GROUND KEY DETECTOR
ILL
Ground Key Current Threshold
ILL =(IB -IA) /2
TIP to RING to GND
or RING to GND
4mA
POWER DISSIPATION ON L3037 at VBAT = 48V
Pd
Power Down
any line lenght
38
mW
Pd
Stand-by
2-wire open
RL = 0 to 2K
95
136
250
mW
mW
Pd
Active, Rfeed = 800
Ω
ILIM = 25mA
ILIM = 44mA
ILIM = 55mA
2-wire open
RL = 0 to 2K
RL = 0 to 2K
RL = 0 to 2K
155
224
710
1730
2660
mW
mW
mW
mW
Pd
Active, Rfeed = 400
Ω
ILIM = 25mA
ILIM = 44mA
ILIM = 55mA
2-wire open
RL = 0 to 2K
RL = 0 to 2K
RL = 0 to 2K
155
224
510
870
1280
mW
mW
mW
mW
Pd
Active
Ground Key
1500
mW
POWER DISSIPATION ON QEXT AT Vbat = 48V
Pdq
Active, Rfeed = 800
Ω
ILIM = 25mA
ILIM = 44mA
ILIM = 55mA
RL = 0 to 2K
RL = 0 to 2K
RL = 0 to 2K
880
810
420
mW
mW
mW
Pdq
Active, Rfeed = 400
Ω
ILIM = 25mA
ILIM = 44mA
ILIM = 55mA
RL = 0 to 2K
RL = 0 to 2K
RL = 0 to 2K
1080
1610
1670
mW
mW
mW
SUPPLY CURRENTS
ANALOG SUPPLY
ICC
VCC
Power Down
1.5
2.2
mA
ISS
VSS
Power Down
0.1
0.5
mA
ICC
VCC
Stand-by / A open
4
5
mA
ISS
VSS
Stand-by / A open
1.5
3
mA
ICC
VCC
Active
6
10
mA
ISS
VSS
Active
3
6
mA
BATTERY SUPPLY
Ibat
Power down
a or b to BGND
120
500
µA
Ibat
Stand-by
2-wire open
1.4
2
mA
Ibat
Active
2-wire open
2-wire RL = 400
Ω
2.3
3
ILOOP+5
mA
mA
L3037
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com