Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3037FN Datasheet(PDF) 11 Page - STMicroelectronics

Part # L3037FN
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3037FN Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L3037FN Datasheet HTML 7Page - STMicroelectronics L3037FN Datasheet HTML 8Page - STMicroelectronics L3037FN Datasheet HTML 9Page - STMicroelectronics L3037FN Datasheet HTML 10Page - STMicroelectronics L3037FN Datasheet HTML 11Page - STMicroelectronics L3037FN Datasheet HTML 12Page - STMicroelectronics L3037FN Datasheet HTML 13Page - STMicroelectronics L3037FN Datasheet HTML 14Page - STMicroelectronics L3037FN Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ELECTRICAL CHARACTERISTICS TEST CONDITION, unless otherwise specified: VCC = 5V;
VSS = -5V; VBAT = -48V; AGND = BGND; Direct Polarity; TA =25
°C.
Note: Testing of all parameters is performed at 25
°C. Characterization as well as the design rules used
allow correlation of tested performances at other temperatures. All parameters listed here are
met in the range 0
°C to +70°C. Functionality between -40°C and 85°C is verified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INTERFACE REQUIREMENTS 2 WIRE PORT
Vab
Overload Level Voice Signal
Rp +PTC = 50
Ω
300Hz to 3.4KHz (*)
4.1
Vpk
Zll
Long Input Impedance
at SLIC terminals per wire
10
Ω
Ill
Long Current Capab. ac
standby per wire (on HOOK)
17
mApk
active per wire (on HOOK)
17
mApk
Ill
Longitudinal Current Capability
active per wire off HOOK
(IT = Transversal current)
75-IT
mApk
4 WIRE TRANS PORT
Vtx
Overload Level
1.8
Vpk
Vtoff
Output Offset Voltage
-350
+350
mV
Ztx
Output Impedance
10
Ω
(*) At TIP/RING line connection with ZLINE (AC) = 600
Ω. For any DC Loop current from 0mA to ILIM
Figure 5: Typical Application Circuit for U.S. Application.
680nF
L3037
11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com