Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3037FN Datasheet(PDF) 15 Page - STMicroelectronics

Part # L3037FN
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3037FN Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L3037FN Datasheet HTML 11Page - STMicroelectronics L3037FN Datasheet HTML 12Page - STMicroelectronics L3037FN Datasheet HTML 13Page - STMicroelectronics L3037FN Datasheet HTML 14Page - STMicroelectronics L3037FN Datasheet HTML 15Page - STMicroelectronics L3037FN Datasheet HTML 16Page - STMicroelectronics L3037FN Datasheet HTML 17Page - STMicroelectronics L3037FN Datasheet HTML 18Page - STMicroelectronics L3037FN Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Figure 6: Test Circuit
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER SUPPLY REJECTION (VRIPPLE = 100mVrms)
LINE TERMINALS
PSRR
VCC ref to AGND
50Hz to 3.4KHz
20
dB
PSRR
VSS ref to AGND
20
dB
PSRR
Vbat ref to AGND
30
dB
PSRR
BGND ref to AGND
20
dB
RELAY DRIVER
iRD
Current Capability
40
mA
V
Voltage Drop
@IRD = 40mA
1.25
V
iLK
Off Leakage Current
100
µA
680nF
L3037
15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com