Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP09SI-1HT Datasheet(PDF) 13 Page - SpectraLinear Inc

Part # SL23EP09SI-1HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09SI-1HT Datasheet(HTML) 13 Page - SpectraLinear Inc

Back Button SL23EP09SI-1HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 9Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 11Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 12Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 13Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Rev 1.1, February 2, 2007
Page 13 of 13
SL23EP09
Ordering Information
[4]
Ordering Number
Marking
Shipping Package
Package
Temperature
SL23EP09ZC-1
SL23EP09ZC-1
Tube
16-pin TSSOP
0 to 70°C
SL23EP09ZC-1T
SL23EP09ZC-1
Tape and Reel
16-pin TSSOP
0 to 70°C
SL23EP09ZC-1H
SL23EP09ZC-1H
Tube
16-pin TSSOP
0 to 70°C
SL23EP09ZC-1HT
SL23EP09ZC-1H
Tape and Reel
16-pin TSSOP
0 to 70°C
SL23EP09ZI-1
SL23EP09ZI-1
Tube
16-pin TSSOP
-40 to 85°C
SL23EP09ZI-1T
SL23EP09ZI-1
Tape and Reel
16-pin TSSOP
-40 to 85°C
SL23EP09ZI-1H
SL23EP09ZI-1H
Tube
16-pin TSSOP
-40 to 85°C
SL23EP09ZI-1HT
SL23EP09ZI-1H
Tape and Reel
16-pin TSSOP
-40 to 85°C
SL23EP09SC-1
SL23EP09SC-1
Tube
16-pin SOIC
0 to 70°C
SL23EP09SC-1T
SL23EP09SC-1
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP09SC-1H
SL23EP09SC-1H
Tube
16-pin SOIC
0 to 70°C
SL23EP09SC-1HT
SL23EP09SC-1H
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP09SI-1
SL23EP09SI-1
Tube
16-pin SOIC
-40 to 85°C
SL23EP09SI-1T
SL23EP09SI-1
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP09SI-1H
SL23EP09SI-1H
Tube
16-pin SOIC
-40 to 85°C
SL23EP09SI-1HT
SL23EP09SI-1H
Tape and Reel
16-pin SOIC
-40 to 85°C
Notes:
4. The SL23EP09 products are RoHS compliant.
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any
circuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for
use in normal commercial applications and is not warranted not is it intended for use in life support, critical medical instruments, or any other
application requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to
additional processing by Spectra Linear Inc., and an expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the
right to change any circuitry or specification without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com