Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP09SI-1HT Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # SL23EP09SI-1HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09SI-1HT Datasheet(HTML) 3 Page - SpectraLinear Inc

  SL23EP09SI-1HT Datasheet HTML 1Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 2Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 3Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 4Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev 1.1, February 2, 2007
Page 3 of 13
SL23EP09
General Description
The SL23EP09 is a low skew, low jitter Zero Delay Buffer
with very low operating current.
The product includes an on-chip high performance PLL that
locks into the input reference clock and produces nine (9)
output clock drivers tracking the input reference clock for
systems requiring clock distribution.
in addition to CLKOUT that is used for internal PLL
feedback, there are two (2) banks with four (4) outputs in
each bank, bringing the number of total available output
clocks to nine (9).
Input and output Frequency Range
The input and output frequency range is the same. But, it
depends on VDD and drive levels as given in the below
Table 1.
VDD(V)
Drive
Min(MHz)
Max(MHz)
3.3
HIGH
10
220
3.3
STD
10
167
2.5
HIGH
10
200
2.5
STD
10
133
Table 1. Input/Output Frequency Range
If the input clock frequency is DC (GND to VDD), this is
detected by an input frequency detection circuitry and all
nine (9) clock outputs are forced to Hi-Z. The PLL is
shutdown to save power. In this shutdown state, the product
draws less than 12 A supply current.
SpreadThru
™ Feature
If a Spread Spectrum Clock (SSC) were to be used as an
input clock, the SL23EP09 is designed to pass the
modulated Spread Spectrum Clock (SSC) signal from its
reference input to the output clocks. The same spread
characteristics at the input are passed through the PLL and
drivers without any degradation in spread percent (%),
spread profile and modulation frequency
Select Input Control
The SL23EP09 provides two (2) input select control pins
called S1 and S2. This feature enables users to selects
various states of output clock banks-A and bank-B, output
source and PLL shutdown features as shown in the Table 2.
The S1 (Pin-9) and S2 (Pin-8) inputs include 250 k
weak
pull-up resistors to VDD.
PLL Bypass Mode
If the S2 and S1 pins are logic High(1) and Low(0)
respectively, the on-chip PLL is shutdown and bypassed,
and all the nine output clocks bank A, bank B and CLKOUT
clocks are driven directly from the reference input clock. In
this operation mode SL23EP09 works like a non-ZDB fanout
buffer.
High and Low-Drive Product Options
The SL23EP09 is offered with High-Drive “-1H” and
Standard-Drive “-1” options. These drive options enable the
users to control load levels, frequency range and EMI
control. Refer to the AC electrical tables for the details.
Skew and Zero Delay
All outputs should drive the similar load to achieve output-to-
output skew and input-to-output specifications given in the
AC electrical tables. However, Zero delay between input
and outputs can be adjusted by changing the loading of
CLKOUT relative to the banks A and B clocks since
CLKOUT is the feedback to the PLL.
Power Supply Range (VDD)
The SL23EP09 is designed to operate in a wide power
supply range from 2.3V (Min) to 3.6V (Max). An internal on-
chip voltage regulator is used to supply PLL constant power
supply of 1.8V, leading to a consistent and stable PLL
electrical performance in terms of skew, jitter and power
dissipation. Contact SLI for 1.8V power supply version ZDB
called SL23EPL09.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com