Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP09SI-1HT Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # SL23EP09SI-1HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09SI-1HT Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button SL23EP09SI-1HT Datasheet HTML 3Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 4Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 9Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev 1.1, February 2, 2007
Page 7 of 13
SL23EP09
AC Electrical Specifications (VDD=3.3V and 2.5V)
Symbol
Description
Condition
Min
Typ
Max
Unit
3.3V High Drive
10
–
220
MHz
3.3V Standard Drive
10
–
167
MHz
2.5V High Drive
10
–
200
MHz
FMAX
Maximum Frequency
[1]
(Input=Output )
2.5V Standard Drive
10
–
133
MHz
<135 MHz, VDD=3.3V
25
–
75
%
INDC
Input Duty Cycle
<135 MHz, VDD=2.5V
40
–
60
%
<135 MHz, VDD=3.3V
47
–
53
%
OUTDC
Output Duty Cycle
[2]
<135 MHz, VDD=2.5V
45
55
%
Std drive, CL = 30 pF, <100 MHz
–
–
1.6
ns
Std drive, CL = 22 pF, <135 MHz
–
–
1.6
ns
Std drive, CL = 15 pF, <170 MHz
–
–
0.6
ns
High drive, CL = 30 pF, <100 MHz
–
–
1.2
ns
High drive, CL = 22 pF, <135 MHz
–
–
1.2
ns
tr/f3.3
Rise, Fall Time (3.3V)
[2]
(Measured at: 0.8 to 2.0V)
High drive, CL = 15 pF, >135 MHz
–
–
0.5
ns
Std drive, CL = 15 pF, <135 MHz
–
–
1.5
ns
High drive, CL = 30 pF, <100 MHz
–
–
2.1
ns
High drive, CL = 22 pF, <135 MHz
–
–
1.3
ns
tr/f2.5
Rise, Fall Time (2.5)
[2]
(Measured at: 0.6 to 1.8V)
High drive, CL = 15 pF, >135 MHz
–
–
1.2
ns
All outputs CL=0, 3.3V supply, 2.5 power
supply, standard drive
–
45
100
ps
t1
Output-to-Output Skew [9]
(Measured at VDD/2)
All outputs CL=0, 2.5V power supply, high
drive
–
–
110
ps
PLL Bypass mode
1.5
–
4.4
ns
PLL enabled @ 3.3V
–100
–
100
ps
t2
Delay Time, CLKIN Rising
Edge to CLKOUT Rising
Edge
[2]
(Measured at VDD/2)
PLL enabled @2.5V
–200
–
200
ps
Measured at VDD/2. Any output to any
output, 3.3V supply
–
–
±150
ps
t3
Part-to-Part Skew
[2]
(Measured at VDD/2)
Measured at VDD/2. Any output to any
output, 2.5V supply
–
–
±300
ps
Notes:
1. For the given maximum loading conditions. See CL in Operating Conditions Table.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com