Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP09SI-1HT Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # SL23EP09SI-1HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09SI-1HT Datasheet(HTML) 5 Page - SpectraLinear Inc

  SL23EP09SI-1HT Datasheet HTML 1Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 2Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 3Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 4Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP09SI-1HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev 1.1, February 2, 2007
Page 5 of 13
SL23EP09
Absolute Maximum Ratings
Description
Condition
Min.
Max.
Unit
Supply voltage, VDD
– 0.5
4.6
V
All Inputs and Outputs
– 0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
– 40
85
°C
Storage Temperature
No power is applied
– 65
150
°C
Junction Temperature
In operation, power is applied
–
125
°C
Soldering Temperature
–
260
°C
ESD Rating (Human Body Model)
MIL-STD-883, Method 3015
2000
–
Operating Conditions: Unless Otherwise Stated VDD=2.3V to 3.6V and for Both C and I Grades
V
Symbol
Description
Condition
Min.
Max.
Unit
VDD3.3
3.3V Supply Voltage
3.3V+/-10%
3.0
3.6
V
VDD2.5
2.5V Supply Voltage
2.5V+/-10%
2.3
2.7
V
Commercial
0
70
°C
TA
Operating Temperature(Ambient)
Industrial
–40
85
°C
<100 MHz, 3.3V
–
30
pF
<100 MHz, 2.5V with High drive
–
30
pF
<133.3 MHz, 3.3V
–
22
pF
<133.3 MHz, 2.5V with High drive
–
22
pF
<133.3 MHz, 2.5V with Standard drive
–
15
pF
>133.3 MHz, 3.3V
–
15
pF
CLOAD
Load Capacitance
>133.3 MHz, 2.5V with High drive
–
15
pF
CIN
Input Capacitance
S1, S2 and CLKIN pins
–
5
pF
RPU/D
Pull-up and Pull-down Resistors
Pins-12/3/6/7/8/9/10/11/14/15/16
250k -typ
175
325
k
3.3V, (typical)
1.2
MHz
CLBW
Closed-loop bandwidth
2.5V, (typical)
0.8
MHz
3.3V, (typical), High drive
29
3.3V, (typical), Standard drive
41
2.5V, (typical), High drive
37
ZOUT
Output Impedance
2.5V, (typical), Standard drive
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com