Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433VCU7 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32L433VCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 57Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 58Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 59Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 60Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 61Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 62Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 63Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 64Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 227 page
background image
DS11449 Rev 7
61/227
STM32L433xx
Pinouts and pin description
89
Note:
FT_a and FT_fa pins can be connected to analog peripherals inputs. When analog
peripheral is not connected to this FT_a or FT_fa pins (analog switch from GPIO to
peripheral is not closed, for example ADC not uses given pin as ADC input), then GPIO can
accept VDD + 3.6 V (5 V tolerant I/O). However, once the I/O input is connected to the
analog peripheral (for example ADC selects as input channel from this pin), the parasitic
diode from this I/O pin to VDDA and/or VREF+ does not allow to use higher voltage on given
I/O pin than VDDA or VREF+ and pin is no more 5 V-tolerant I/O.
Table 14. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
RST
Bidirectional reset pin with embedded weak pull-up resistor
Option for TT or FT I/Os
_f (1)
I/O, Fm+ capable
_l (2)
I/O, with LCD function supplied by VLCD
_u (3)
I/O, with USB function supplied by VDDUSB
_a (4)
I/O, with Analog switch function supplied by VDDA
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 15 are: FT_f, FT_fa, FT_fl, FT_fla.
2. The related I/O structures in Table 15 are: FT_l, FT_fl, FT_lu.
3. The related I/O structures in Table 15 are: FT_u, FT_lu.
4. The related I/O structures in Table 15 are: FT_a, FT_la, FT_fa, FT_fla, TT_a, TT_la.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com