Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433VCU7 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32L433VCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 32Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 33Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 34Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 35Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 36Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 37Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 38Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 39Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 227 page
background image
Functional overview
STM32L433xx
36/227
DS11449 Rev 7
Figure 4. Clock tree
MSv36868V3
SYSCLK
MCO
LSCO
PLL
48 MHz clock to USB, RNG, SDMMC
to IWDG
to RTC and LCD
to PWR
HCLK
to AHB bus, core, memory and DMA
FCLK Cortex free running clock
to Cortex system timer
to APB1 peripherals
to APB2 peripherals
PCLK1
PCLK2
LSE
HSI16
SYSCLK
to USARTx
x=2..3
to LPUART1
to I2Cx
x=1,2,3
to LPTIMx
x=1,2
SAI1_EXTCLK
to SWPMI
to TIMx
x=2,6,7
OSC32_OUT
OSC32_IN
MSI
HSI16
HSE
MSI
LSI
LSE
HSE
SYSCLK
HSE
MSI
HSI16
LSE OSC
32.768 kHz
/32
AHB
PRESC
/ 1,2,..512
/ 8
APB1
PRESC
/ 1,2,4,8,16
x1 or x2
HSI16
SYSCLK
LSI
LSE
HSI16
HSI16
APB2
PRESC
/ 1,2,4,8,16
to TIMx
x=1,15,16
x1 or x2
to USART1
LSE
HSI16
SYSCLK
PLLSAI1
/ M
MSI RC
100 kHz – 48 MHz
HSI RC
16 MHz
HSE OSC
4-48 MHz
Clock
detector
OSC_OUT
OSC_IN
LSI RC 32 kHz
Clock
source
control
PLLSAI1CLK
PLL48M1CLK
PLLCLK
PLLSAI2CLK
PLL48M2CLK
PLLADC1CLK
HSI48
VCO
FVCO / P
/ R
/ Q
/ P
/ Q
/ R
VCO
FVCO
HSI16
PLLCLK
to ADC
to SAI1
MSI
SYSCLK
HSI16
HSI16
HSI RC
48 MHz
CRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com