Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433VCU7 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32L433VCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 11Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 12Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 13Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 14Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 15Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 16Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 17Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 18Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 227 page
background image
DS11449 Rev 7
15/227
STM32L433xx
Description
55
Operational amplifiers
1
Max. CPU frequency
80 MHz
Operating voltage
(VDD)
1.71 to 3.6 V
Operating voltage
(VDD12)
1.05 to 1.32 V
Operating temperature
Ambient operating temperature:
-40 to 85 °C / -40 to 105 °C / -40 to 125 °C
Junction temperature:
-40 to 105 °C / -40 to 125 °C / -40 to 130 °C
Packages
LQFP100
UFBGA100
WLCSP64
LQFP64
UFBGA64
WLCSP49
LQFP48
UFQFPN48
1.
WKUP5, ADC1_IN14 and SDMMC interface are not supported by 64-pin packages with SMPS option.
2. In case external SMPS package type is used, 2 GPIOs are replaced by VDD12 pins to connect the SMPS
power supplies hence reducing the number of LCD elements to 7x27 or 4x30.
3. In case external SMPS package type is used, 2 GPIOs are replaced by VDD12 pins to connect the SMPS
power supplies hence reducing the number of available GPIOs by 2.
4. For WLCSP49 package.
Table 2. STM32L433xx family device features and peripheral counts (continued)
Peripheral
STM32L433Vx
STM32L433Rx
STM32L433Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com