Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433VCU7 Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32L433VCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 134Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 135Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 136Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 137Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 138Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 139Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 140Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 141Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 227 page
background image
Electrical characteristics
STM32L433xx
138/19
DS11449 Rev 7
∆VDD(MSI)(2)
MSI oscillator
frequency drift
over VDD
(reference is 3 V)
MSI mode
Range 0 to 3
VDD=1.62 V
to 3.6 V
-1.2
-
0.5
%
VDD=2.4 V
to 3.6 V
-0.5
-
Range 4 to 7
VDD=1.62 V
to 3.6 V
-2.5
-
0.7
VDD=2.4 V
to 3.6 V
-0.8
-
Range 8 to 11
VDD=1.62 V
to 3.6 V
-5
-
1.2
VDD=2.4 V
to 3.6 V
-1.6
-
∆FSAMPLING
(MSI)(2)(6)
Frequency
variation in
sampling mode(3)
MSI mode
TA= -40 to 85 °C
-
1
2
%
TA= -40 to 125 °C
-
2
4
P_USB
Jitter(MSI)(6)
Period jitter for
USB clock(4)
PLL mode
Range 11
for next
transition
--
-
3.458
ns
for paired
transition
--
-
3.916
MT_USB
Jitter(MSI)(6)
Medium term jitter
for USB clock(5)
PLL mode
Range 11
for next
transition
--
-
2
ns
for paired
transition
--
-
1
CC jitter(MSI)(6)
RMS cycle-to-
cycle jitter
PLL mode Range 11
-
-
60
-
ps
P jitter(MSI)(6)
RMS Period jitter PLL mode Range 11
-
-
50
-
ps
tSU(MSI)(6)
MSI oscillator
start-up time
Range 0
-
-
10
20
us
Range 1
-
-
5
10
Range 2
-
-
4
8
Range 3
-
-
3
7
Range 4 to 7
-
-
3
6
Range 8 to 11
-
-
2.5
6
tSTAB(MSI)(6)
MSI oscillator
stabilization time
PLL mode
Range 11
10 % of final
frequency
-
-
0.25
0.5
ms
5 % of final
frequency
--
0.5
1.25
1 % of final
frequency
--
-
2.5
Table 59. MSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com