Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4969 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 12Page - STMicroelectronics L4969 Datasheet HTML 13Page - STMicroelectronics L4969 Datasheet HTML 14Page - STMicroelectronics L4969 Datasheet HTML 15Page - STMicroelectronics L4969 Datasheet HTML 16Page - STMicroelectronics L4969 Datasheet HTML 17Page - STMicroelectronics L4969 Datasheet HTML 18Page - STMicroelectronics L4969 Datasheet HTML 19Page - STMicroelectronics L4969 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
L4969
16/35
1.10.1General Dataframe Format:
Figure 7.
Data is sampled on the rising edge of the clock and SOUT will change upon SCLK falling. SOUT will show a
copy of SIN for the Address/Command field for initial data path checks. Independent of the command state,
SOUT will show the content of the register addressed. SIN contains either data to be written or arbitrary data
for all other operations. The transaction will be terminated with four bit of data followed by a 4-Bit wide CRC
(Cyclic Redundancy Check) as a result of either SIN related data or calculated automatically on data returned
via SOUT. Here the
µC has to provide the correct sequence in order to get the write command activated inside.
A CRC-failure is signalled via NINT. For returned data the CRC can also be used to verify a successful transfer.
1.10.2 Address/Command Field
Figure 8.
The Address/Command field starts with a 2-Bit start sequence consisting of ‘01’. Any other sequence will lead
to a protocol error signalled via the NINT. The addressfield is specifying the register to be accessed. The SPI
command flags allow in addition to the normal read/write operation to clear the Interrupt flag register after read.
SCLK
SOUT
ADR/CMD
Datafield 1 (R)
Datafield 2/CRC (R)
0
715
15
SIN
0
ADR/CMD
7
Datafield 1 (W/R)
15
Datafield 2/CRC (W/R)
15
99AT0015
8
8
23
23
ADR2
ADR1
ADR3
1
0
ADR0
C1
C0
70
Frame start sequence
always has to be
transmitted as 0 1
Addressfield specifying
the Control/Status word
to be accessed
SPI command:
00: Read register
01: Clear IFR
10: illegal command
11: Write register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com