Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4969 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 22Page - STMicroelectronics L4969 Datasheet HTML 23Page - STMicroelectronics L4969 Datasheet HTML 24Page - STMicroelectronics L4969 Datasheet HTML 25Page - STMicroelectronics L4969 Datasheet HTML 26Page - STMicroelectronics L4969 Datasheet HTML 27Page - STMicroelectronics L4969 Datasheet HTML 28Page - STMicroelectronics L4969 Datasheet HTML 29Page - STMicroelectronics L4969 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
L4969
26/35
2.6
ADR5: GIEN Global Interrupt Enable Register
Figure 21.
2.7
ADR6: IFR Interrupt Flag Register
Figure 22.
Except ESPI all bits in this register are maskable in GIEN. Any masked bit will force NINT low until the register
content is reset (either explicitly or by SPI ‘clear register).
EOVT
EEW
EUV
IRES
ISET
ECW
EWW
EIFW
D7
D0
Enable Identifier
based wakeup / Interrupt
Enable Wakeup,/ Interrupt
via Watchdog
Enable CAN
wakeup / Interrupt
Enable Wakeup / Interrupt
via edge on WAKE
Enable Interrupt
upon CAN error
recovery
Enable Interrupt
upon CAN error
detection
Enable Interrupt
upon Overtemp.
Warning
Enable
Interrupt
upon VS / VREG
Undervoltage
D11
D0
ESPI
ISET
IRES
UV23
WKIF
WKW
WKC
WKE
OVT3
OVT2
OVT1
UVVS
VS < 7.2V
detected
Overtemperature
Warning level reached
OVT1 : T(V1) > 140degC
OVT2 : T(V2) > 140degC
OVT3 : T(V3) > 140degC
Signal edge
on WAKE
detected
Wakeup condition
via CAN detected
Watchdog timeout
detected
Identifier passed
CAN ID-Filter
Reserved bit (‘RES’) has to be written as ‘0’.
CRC- / Format
Error or SCLK-
Timeout detected
by SPI (non maskable)
CAN Linefailure
detected (ISET)
removed (IRES)
V2 or V3
Undervoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com