Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4969 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 14Page - STMicroelectronics L4969 Datasheet HTML 15Page - STMicroelectronics L4969 Datasheet HTML 16Page - STMicroelectronics L4969 Datasheet HTML 17Page - STMicroelectronics L4969 Datasheet HTML 18Page - STMicroelectronics L4969 Datasheet HTML 19Page - STMicroelectronics L4969 Datasheet HTML 20Page - STMicroelectronics L4969 Datasheet HTML 21Page - STMicroelectronics L4969 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
L4969
18/35
1.11 Memory Map
The memory space is divided up into 16 different registers each being directly accessible using the SPI.
Each register contains specific information of a functional group.
In general al reserved bitpositions (‘RES’) have to be written with ‘0’.
Undefined bits are read as ‘0’ and cannot be overwritten.
In addition there is one register (CTSR) being read only, thus any write attempt will leave the register content
unchanged.
Certain interlock mechanism exist to prevent unwanted overwriting of important functions i.e. voltage regulators
or oscillator adjustments. These mechanisms are described with the functions of these registers.
Table 5.
L4969 Memory Map
ADR
Group
MSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
VRCR
Undefined
Register Memory
EUV3
EUV2
RTC0
TRC
RES
ENV3
ENV2
DISAR
1CTCR
ACT
TXEN
RES
RES
RES
LP2
LP1
LP0
2GPTR
RES
RES
RES
RES
TM1
TM0
TMUX
TEN
3
RCADJ
CG1
CG0
PGEN
SIGN
ADJ3
ADJ2
ADJ1
ADJ0
4WDC
WDEN
WND
SWT1
SWT0
WDT3
WDT2
WDT1
WDT0
5GIEN
ISET
IRES
EUV
EOVT
EEW
ECW
EWW
EIFW
6IFR
ESPI
ISET
IRES
UV23
UVVS
OVT3
OVT2
OVT1
WKE
WKC
WKW
WKIF
7CTSR
RES
RES
RES
GSH
EX
EVIII
EVII
EVI
EIV
EIII
EII
EI
8ID01
A11
A10
A01
A00
B11
B10
B01
B00
C11
C10
C01
C00
9ID23
D11
D10
D01
D00
E11
E10
E01
E00
F11
F10
F01
F00
10
BTL
PS23
PS22
PS21
PS20
PS13
PS12
PS11
PS10
TD3
TD2
TD1
TD0
11
NAV
Undefined
Register Memory
12
NAV
13
NAV
14
TEST
T11
T10
T09
T08
T07
T06
T05
T04
T03
T02
T01
T00
15
SYS
Undefined Register Memory
NCRC
STAT
WNDF
STF
OTF
UCF
WAKE
NPOR
*1) “shorted to ...”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com