Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4969 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 18Page - STMicroelectronics L4969 Datasheet HTML 19Page - STMicroelectronics L4969 Datasheet HTML 20Page - STMicroelectronics L4969 Datasheet HTML 21Page - STMicroelectronics L4969 Datasheet HTML 22Page - STMicroelectronics L4969 Datasheet HTML 23Page - STMicroelectronics L4969 Datasheet HTML 24Page - STMicroelectronics L4969 Datasheet HTML 25Page - STMicroelectronics L4969 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
L4969
22/35
Figure 15.
2.5
ADR4: WDC Watchdog Control Register
Figure 16.
The Startup Watchdog is not programmable and will always generate a 1.0ms low cycle on NRESET followed
by a 320ms high cycle until an Acknowledgment will occur. If no Acknowldege is received after the 7th cycle,
the device will automatically be forced into Sleep mode.
Acknowledgment and Reset of Startup and Window Watchdog is automatically performed by overwriting
(or rewriting) this register.
Note, that with WDEN set, a cyclic setting of IFR.WKW after the programmed Wakeup time will occur.
2.5.1 Watchdog configuration:
“No Request”
“2.5ms cycle
on NINT”
“Finish Cycle”
“Update ADJ”
CG=01
CG=10
CG=00
CG=11
State transition during oscillator calibration
Watchdog and Interrupt
Start time measurement
at rising edge
Calculate
Offset
Write offset
Watchdog and Interrupt can be enabled
has to be disabled
SWT0
WDT3
SWT1
WND
WDEN
WDT2
WDT1
WDT0
D7
D0
Wakeup Watchdog
timing configuration
0000 : 80ms
0001 : 160ms
0010 : 320ms
0011 : 640ms
0100 : 800ms
1000 : 1sec
1001 : 2sec
1010 : 4sec
1011 : 8sec
1100 : 45min
Software Window Watchdog
timing configuration
00 : 2.5 - 5ms
01 : 5 - 10ms
10 : 10 - 20ms
11 : 20 - 40ms
Enable Wakeup Watchdog,
Window Watchdog will be
automatically deactivated
until wakeup watchdog expires
Reserved bits (‘RES’) have to be written as ‘0’.
Disable
Window Watchdog,
only allowed with
PGEN set, see
previous table
for Osc adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com